Electronic Components Datasheet Search
  English  ▼

X  

AP4370 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP4370
Description  DECODING IC COMPATIBLE TO QUALCOMM QUICK CHARGE 2.0 PROTOCOL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP4370 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP4370 Datasheet HTML 1Page - Diodes Incorporated AP4370 Datasheet HTML 2Page - Diodes Incorporated AP4370 Datasheet HTML 3Page - Diodes Incorporated AP4370 Datasheet HTML 4Page - Diodes Incorporated AP4370 Datasheet HTML 5Page - Diodes Incorporated AP4370 Datasheet HTML 6Page - Diodes Incorporated AP4370 Datasheet HTML 7Page - Diodes Incorporated AP4370 Datasheet HTML 8Page - Diodes Incorporated AP4370 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP4370
Document number: DS37242 Rev. 3 - 2
4 of 12
www.diodes.com
October 2015
© Diodes Incorporated
AP4370
Operation Principle Description
Overall Introduction
The figure on page 1 is the typical application circuit of AP4370, which follows Qualcomm HVDC Quick Charge 2.0 Protocol to decode the
different combinations of D+/D- signals, generated by the portable device, into the related configurations of V1/V2 for the controller IC to make
the further constant voltage/constant current control. The AP4370 automatically provides 5V output configuration for the connected portable
device that is not compatible to QC 2.0 protocol. When the portable device requests a lower output voltage, the AP4370 will have over voltage
discharge function operate until the output voltage reaches VOVDxV * kDIS or the time duration is over tOVD .
Quick Charge 2.0 Protocol Operation
The switches of S1, SV1 and SV2 (shown in Functional Block Diagram on page 2) will be kept turn-off during the start-up phase, and the default
V1/V2 configuration ensures that the charger/adapter is regulated into 5V output voltage. S0 switch will be turned on to short D+ to D- at start-up
voltage within VOTG_SESS_VLD (0.8V to 4.0V). If AP4370 finds D+ voltage is between VDAT_REF (0.325V, typical) and VSEL_REF (2.0V, typical) lasting for
tGLITCH_BC_DONE, it will turn off S0 to have D+ / D- open, and turn on S1 to have D- connected to GND via RDM_DWM (19.53kΩ, typical). AP4370 will
ensure that D- stays low voltage for more than tGLITCH_DM_LOW (1ms, min) to successfully complete Qualcomm QC 2.0 protocol handshake. After
that, AP4370 can respond to the voltage request made by the portable device via D+/D- data lines. If AP4370 detects that D+/D- keeps voltage
unchanged for a glitch filter period of tGLITCH_V_CHANGE (40ms, typical), it will follow the voltage decoding table below to configure V1/V2 by turning
on/off SV1 and SV2 to output the target voltage. Finally, after the portable device is removed from USB connector, AP4370 will have D+ shorted to
D- within tD+_D-_SHORT (20ms, max), configure V1/V2 to 5V output, and is ready for next handshake.
Decoder
D+ (V)
D- (V)
V1 Switch(SV1)
Status
V2 Switch(SV2)
Status
HVDCP Voltage (V)
Quick Charge 2.0
Protocol
Class A: 5V, 9V, 12V
0.6
0.6
Turn-on
Turn-on
12
3.3
0.6
Turn-on
Turn-off
9
0.6
3.3
Keep Present V1/V2 Status Unchanged
3.3
3.3
Keep Present V1/V2 Status Unchanged
0.6 or 3.3
GND
Turn-off
Turn-off
5
GND
0.6 or 3.3 or GND
Turn-off
Turn-off
5, AP4370 Protocol
Handshake Reset
Table 1. D+/D- Voltage Decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com