Electronic Components Datasheet Search
  English  ▼

X  

TMP103 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103
Description  Low-Power, Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP103 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP103 Datasheet HTML 17Page - Texas Instruments TMP103 Datasheet HTML 18Page - Texas Instruments TMP103 Datasheet HTML 19Page - Texas Instruments TMP103 Datasheet HTML 20Page - Texas Instruments TMP103 Datasheet HTML 21Page - Texas Instruments TMP103 Datasheet HTML 22Page - Texas Instruments TMP103 Datasheet HTML 23Page - Texas Instruments TMP103 Datasheet HTML 24Page - Texas Instruments TMP103 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Via to Power and Ground Plane
Via to other signal layers
Supply Voltage
SCL
V
+
SDA
GND
TMP103A
TMP103B
TMP103H
SCL
V
+
SDA
GND
SCL
V
+
SDA
GND
TMP103
www.ti.com
SBOS545B – FEBRUARY 2011 – REVISED JANUARY 2016
9 Power Supply Recommendations
The TMP103 device operates with power supply in the range of 1.4 V to 3.6 V. The device is optimized for
operation at 3.3-V supply but can measure temperature accurately in the full supply range. A power-supply
bypass capacitor is required for proper operation. Place this capacitor as close as possible to the supply and
ground pins of the device. A typical value for this supply bypass capacitor is 0.01
μF. Applications with noisy or
high-impedance power supplies may require additional decoupling capacitors to reject power-supply noise.
10 Layout
10.1 Layout Guidelines
Place the power-supply bypass capacitor as close as possible to the supply pin. The recommended value of this
bypass capacitor is 0.01
μF. Additional decoupling capacitance can be added to compensate for noisy or high-
impedance power supplies. Pull up the SDA and SCL pins through 5-k
Ω pullup resistors.
10.2 Layout Example
Figure 18. Recommended Layout Example
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TMP103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com