Electronic Components Datasheet Search
  English  ▼

X  

TMP103 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP103
Description  Low-Power, Digital Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP103 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP103 Datasheet HTML 9Page - Texas Instruments TMP103 Datasheet HTML 10Page - Texas Instruments TMP103 Datasheet HTML 11Page - Texas Instruments TMP103 Datasheet HTML 12Page - Texas Instruments TMP103 Datasheet HTML 13Page - Texas Instruments TMP103 Datasheet HTML 14Page - Texas Instruments TMP103 Datasheet HTML 15Page - Texas Instruments TMP103 Datasheet HTML 16Page - Texas Instruments TMP103 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Startup
Startof
Conversion
Delay
(1)
26ms
26ms
TMP103
www.ti.com
SBOS545B – FEBRUARY 2011 – REVISED JANUARY 2016
After power up or general-call reset, the TMP103 immediately starts a conversion, as shown in Figure 13. The
first result is available after 26 ms (typical). The active quiescent current during conversion is 40
μA (typical at
27°C, V+ = 1.8 V). The quiescent current during delay is 1
μA (typical at 27°C, V+ = 1.8 V).
(1)
Delay is set by CR1 and CR0.
Figure 13. Conversion Start
7.5.3 Shutdown Mode (M1 = 0, M0 = 0)
Shutdown mode saves maximum power by shutting down all device circuitry other than the serial interface,
reducing current consumption to typically less than 0.5
μA. Shutdown mode is enabled when bits M1 and M0 (in
the Configuration Register) = 00. The device shuts down when the current conversion is completed.
7.5.4 One-Shot (M1 = 0, M0 = 1)
The TMP103 features a One-Shot Temperature Measurement mode. When the device is in Shutdown mode,
writing a 01 to bits M1 and M0 starts a single temperature conversion. During the conversion, bits M1 and M0
read 01. The device returns to the shutdown state at the completion of the single conversion. After the
conversion, bits M1 and M0 read 00. This feature is useful for reducing power consumption in the TMP103 when
continuous temperature monitoring is not required.
As a result of the short conversion time, the TMP103 can achieve a higher conversion rate. A single conversion
typically takes 26 ms and a read can take place in less than 20
μs. When using One-Shot mode, 30 or more
conversions per second are possible.
7.5.5 Continuous Conversion Mode (M1 = 1)
When the TMP103 is in Continuous Conversion mode (M1 = 1), a single conversion is performed at a rate
determined by the conversion rate bits, CR1 and CR0 (in the Configuration Register). The TMP103 performs a
single conversion and then powers down and waits for the appropriate delay set by CR1 and CR0. See Table 1
for CR1 and CR0 settings.
7.5.6 Bus Overview
The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The
bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and
generates the START and STOP conditions.
To address a specific device, a START condition is initiated, indicated by pulling the data line (SDA) from a high
to low logic level while SCL is high. All slaves on the bus shift in the slave address byte on the rising edge of the
clock, with the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the
slave being addressed responds to the master by generating an Acknowledge and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an Acknowledge Bit. During data
transfer, SDA must remain stable while SCL is high, because any change in SDA while SCL is high is interpreted
as a START or STOP signal.
Once all data have been transferred, the master generates a STOP condition indicated by pulling SDA from low
to high, while SCL is high.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TMP103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com