Electronic Components Datasheet Search
  English  ▼

X  

ADM8262 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ADM8262
Description  Wireless LAN 802.11a/b/g Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ADM8262 Datasheet(HTML) 1 Page - Infineon Technologies AG

  ADM8262 Datasheet HTML 1Page - Infineon Technologies AG ADM8262 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Never
s t op
think i ng.
Pr oduct Brief
WildCard, ADM8262 is the latest addition to Infineon’s family of high
speed wireless NIC controllers. Designed for 802.11a/b/g wireless
client and server applications, WildCard caters to PCI, mini-PCI and
Cardbus interfaces.
With low power consumption, hard-wired compact size and the
flexibility to adapt to a variety of RF designs, system designers can
easily incorporate WildCard into a wide range of wireless applications.
With minimal CPU utilization, support for multiple operating systems
including Windows Native WiFi and Antenna Diversity design, WildCard
delivers low cost solutions for high-speed wireless applications.
Combined with Infineon’s Dual Band RF/PA technology, a complete
end-to-end, 802.11a/b/g wireless solution can be realized.
Ap plic at ion s
■
802.11 a/b/g PCI and Cardbus NICs
■
PC and Notebook on-board 802.11a/b/g
■
PCI and mini-PCI client modules
■
802.11a/b/g Access Points, Routers and Gateway Server
Applications
Fea t u r es
■
IEEE 802.11a/b/g WMAC and BBP single chip
■
State machine design for WMAC, no external memory needed
■
Hard-wired WEP/TKIP/AES-CCM design for 802.11i standard and WiFi
WPA compatible
■
Supports 802.11e, 802.11h and 802.11d
■
Supports Infrastructure, Ad-hoc mode under DCF
■
Supports AP / STA / STA converter / AP repeater modes
■
Supports Packet Burst mode for higher TX/RX performance
■
Flexible designs for various Radio Front End designs, Airoha and
Infineon solutions compatible
■
Provides Antenna Diversity design
www .infine on.com/p r od uct s
Wil d C a rd
Wi re less LA N 8 0 2 . 1 1 a / b/ g C o n t r o ller
ADM8 26 2
Wireline Communications
Int e r f ac e s
■
32-bit PCI
■
Mini-PCI
■
Cardbus
Su ppo r te d O p e r a t ing
Sy s t e m s
■
Microsoft® Windows® 98/ME/2000/XP Native
WiFi
■
Win CE®
■
Linux®
■
MAC® OS
Ph y s ic al Ch ar acteri stic s
■
CSM CMOS, 0.18
µ, 1P5M Process
■
128-pin LQFP Package
■
On chip 3.3 V ~ 1.8 V regulator controller
■
3.3 V power supply with 5 V/3.3V I/O tolerance


Similar Part No. - ADM8262

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM8211 ETC-ADM8211 Datasheet
124Kb / 17P
IEEE802.11b WLAN NIC Solution
logo
Analog Devices
ADM823 AD-ADM823 Datasheet
180Kb / 10P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
ADM823 AD-ADM823 Datasheet
197Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. C
ADM823 AD-ADM823 Datasheet
206Kb / 12P
Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823 AD-ADM823 Datasheet
206Kb / 12P
aSupervisory Circuits with Watchdog and
REV. D
More results

Similar Description - ADM8262

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C517 ATMEL-AT76C517 Datasheet
73Kb / 3P
802.11a/b/g Baseband Controller
logo
List of Unclassifed Man...
W415 ETC2-W415 Datasheet
38Kb / 1P
IEEE 802.11a/b/g Wireless Mini PCI
logo
SiGe Semiconductor, Inc...
SE2547A SIGE-SE2547A Datasheet
104Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
SE2548A SIGE-SE2548A Datasheet
117Kb / 2P
Dual Band 802.11a/b/g/n Wireless LAN Front End Preliminary Information
logo
Skyworks Solutions Inc.
SKY85806-11 SKYWORKS-SKY85806-11 Datasheet
1Mb / 17P
Dual-Band 802.11a-g-n-ac Wireless LAN
logo
Contec Co., Ltd
FXA3000 CONTEC-FXA3000 Datasheet
632Kb / 2P
IEEE802.11n/a/b/g Wireless LAN
FXE3000 CONTEC-FXE3000 Datasheet
353Kb / 2P
IEEE802.11n/a/b/g Embedded Wireless LAN
logo
Moxa Inc.
AWK-1137C MOXA-AWK-1137C Datasheet
1Mb / 7P
Industrial 802.11a/b/g/n wireless client
AWK-3131A-RCC MOXA-AWK-3131A-RCC Datasheet
770Kb / 7P
Industrial IEEE 802.11a/b/g/n wireless AP/client
AWK-3131A-RTG MOXA-AWK-3131A-RTG Datasheet
1Mb / 8P
Industrial IEEE 802.11a/b/g/n wireless AP/client
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com