Electronic Components Datasheet Search
  English  ▼

X  

ADM8262 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # ADM8262
Description  Wireless LAN 802.11a/b/g Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ADM8262 Datasheet(HTML) 2 Page - Infineon Technologies AG

  ADM8262 Datasheet HTML 1Page - Infineon Technologies AG ADM8262 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Published by Infineon Technologies AG
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
81669 München
© Infineon Technologies AG 2004.
All Rights Reserved.
Template: pb_tmplt.fm/4
Attention please!
The information herein is given to describe certain components
and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms
and conditions and prices please contact your nearest
Infineon Technologies Office.
Warnings
Due to technical requirements components may contain dangerous
substances. For information on the types in question please contact
your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval
of Infineon Technologies, if a failure of such components can rea-
sonably be expected to cause the failure of that life-support device
or system, or to affect the safety or effectiveness of that device or
system. Life support devices or systems are intended to be implant-
ed in the human body, or to support and/or maintain and sustain
and/or protect human life. If they fail, it is reasonable to assume
that the health of the user or other persons may be endangered.
802.11a/b/g
MAC
Interface
to R/F
802.11a/b/g
BBP
Front End
Controller
PCI
Interface
Serial
EEPROM
Interface
Regulator/GPIO/Led
Controller
Buffer
Manager
W i ldC a rd 80 2.11a/b/g C o ntr o l l er Bloc k Diag r a m
D u al B a nd RF/P A
Ap plic ation Ex ampl e
PCI
Interface
EEPROM
GPIO
LED
PNP
SW
PA
40 MHz
Infineon
Dual Band
RF/PA
a/b
or a/b/g
dependent
chip
WildCard
ADM8262
Ordering No. B000-H0000-X-X-7600
Printed in Germany
PS 04043.
NB
Ordering Information
IC
Product Sales Code
Description
Package
ADM8262
WildCard 802.11a/b/g PCI/Cardbus/Mini-PCI WLAN MAC/BBP Controller
LQFP-128



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com