Electronic Components Datasheet Search
  English  ▼

X  

BAR89 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BAR89
Description  Silicon PIN Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR89 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BAR89 Datasheet HTML 1Page - Infineon Technologies AG BAR89 Datasheet HTML 2Page - Infineon Technologies AG BAR89 Datasheet HTML 3Page - Infineon Technologies AG BAR89 Datasheet HTML 4Page - Infineon Technologies AG BAR89 Datasheet HTML 5Page - Infineon Technologies AG BAR89 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Jul-15-2003
4
BAR89...
Diode capacitance CT = (VR)
f = Parameter
0
2
4
6
8
10
12
14
16 V
20
VR
0.1
0.15
0.2
0.25
0.3
0.35
0.4
pF
0.5
1 MHz
100 MHz
1 GHz
1.8 GHz
Reverse parallel resistance RP = (VR)
f = Parameter
0
2
4
6
8
10
12
14
16 V
20
VR
-1
10
0
10
1
10
2
10
3
10
KOhm
100 MHz
1 GHz
1.8 GHz
Forward resistance rf =  (IF)
f = 100MHz
10
-2
10
-1
10
0
10
1
10
2
10
3
mA
IF
-1
10
0
10
1
10
2
10
3
10
Ohm
Forward current IF =  (VF)
TA = Parameter
0
0.2
0.4
0.6
0.8
V
1.2
VF
-9
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
A
-40°C
+25°C
+85°C
+125°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com