Electronic Components Datasheet Search
  English  ▼

X  

BAR89 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAR89
Description  Silicon PIN Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR89 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAR89 Datasheet HTML 1Page - Infineon Technologies AG BAR89 Datasheet HTML 2Page - Infineon Technologies AG BAR89 Datasheet HTML 3Page - Infineon Technologies AG BAR89 Datasheet HTML 4Page - Infineon Technologies AG BAR89 Datasheet HTML 5Page - Infineon Technologies AG BAR89 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Jul-15-2003
3
BAR89...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 0 V, f = 100 MHz
VR = 0 V, f = 1 GHz
VR = 0 V, f = 1.8 GHz
CT
-
-
-
-
0.25
0.25
0.19
0.18
0.35
-
-
-
pF
Reverse parallel resistance
VR = 0 V, f = 100 MHz
VR = 0 V, f = 1 GHz
VR = 0 V, f = 1.8 GHz
RP
-
-
-
35
5
3.5
-
-
-
k

Forward resistance
IF = 1 mA, f = 100 MHz
IF = 5 mA, f = 100 MHz
IF = 10 mA, f = 100 MHz
rf
-
-
-
3
1.2
0.8
-
-
1.5

Charge carrier life time
IF = 10 mA, IR = 6 mA, measured at IR = 3 mA,
RL = 100 
 rr
-
800
-
ns
I-region width
WI
-
19
-
µm
Insertion loss1)
IF = 1 mA, f = 1.8 GHz
IF = 5 mA, f = 1.8 GHz
IF = 10 mA, f = 1.8 GHz
|S21|2
-
-
-
-0.23
-0.1
-0.08
-
-
-
dB
Isolation1)
VR = 0 V, f = 0.9 GHz
VR = 0 V, f = 1.8 GHz
VR = 0 V, f = 2.45 GHz
|S21|2
-
-
-
-19
-14
-11
-
-
-
1BAR89-02L in series configuration, Z = 50




Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com