Electronic Components Datasheet Search
  English  ▼

X  

BAT15 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BAT15
Description  Silicon Schottky Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BAT15 Datasheet HTML 2Page - Infineon Technologies AG BAT15 Datasheet HTML 3Page - Infineon Technologies AG BAT15 Datasheet HTML 4Page - Infineon Technologies AG BAT15 Datasheet HTML 5Page - Infineon Technologies AG BAT15 Datasheet HTML 6Page - Infineon Technologies AG BAT15 Datasheet HTML 7Page - Infineon Technologies AG BAT15 Datasheet HTML 8Page - Infineon Technologies AG BAT15 Datasheet HTML 9Page - Infineon Technologies AG BAT15 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Jan-30-2003
6
BAT15...
Forward current IF =  (TS)
BAT15-099
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
70
80
90
100
mA
120
Forward current IF =  (TS)
BAT15-099R
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
60
70
80
90
100
mA
120
Permissible Puls Load RthJS =  (tp)
BAT15-02L
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
°C
TS
1
10
2
10
3
10
mA
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax/ IFDC =  (tp)
BAT15-02L
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com