Electronic Components Datasheet Search
  English  ▼

X  

BAT15 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BAT15
Description  Silicon Schottky Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT15 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BAT15 Datasheet HTML 1Page - Infineon Technologies AG BAT15 Datasheet HTML 2Page - Infineon Technologies AG BAT15 Datasheet HTML 3Page - Infineon Technologies AG BAT15 Datasheet HTML 4Page - Infineon Technologies AG BAT15 Datasheet HTML 5Page - Infineon Technologies AG BAT15 Datasheet HTML 6Page - Infineon Technologies AG BAT15 Datasheet HTML 7Page - Infineon Technologies AG BAT15 Datasheet HTML 8Page - Infineon Technologies AG BAT15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Jan-30-2003
1
BAT15...
Silicon Schottky Diodes
 Low barrier type for DBS mixer applications
up to 12 GHz, phase detectors and modulators
 Low noise figure
BAT15-02L/V
BAT15-03W
BAT15-099R
BAT15-04W
BAT15-099
BAT15-05W
1
2
1
2
3
4
D2
D1
D3
D4
1
D2
2
3
4
D1
3
1
D2
2
D1
3
1
D2
2
D1
ESD
: Electrostatic discharge sensitive device, observe handling precaution!
Type
Package
Configuration
LS(nH) Marking
BAT15-02L*
BAT15-02V
BAT15-03W
BAT15-04W
BAT15-05W
BAT15-099
BAT15-099R
TSLP-2-1
SC79
SOD323
SOT323
SOT323
SOT143
SOT143
single, leadless
single
single
series
common cathode
anti-parallel pair
crossover ring
0.4
0.6
1.8
1.4
1.4
2
2
NP
n
P white
S8s
S5s
S5s
S6s
* target data


Similar Part No. - BAT15

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT15 SIEMENS-BAT15 Datasheet
134Kb / 8P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
logo
Sirectifier Semiconduct...
BAT15 SIRECTIFIER-BAT15 Datasheet
371Kb / 4P
Discrete Triacs
logo
Siemens Semiconductor G...
BAT15-013 SIEMENS-BAT15-013 Datasheet
134Kb / 8P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-013ES SIEMENS-BAT15-013ES Datasheet
134Kb / 8P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT15-013H SIEMENS-BAT15-013H Datasheet
134Kb / 8P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
More results

Similar Description - BAT15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
Silicon Schottky Diodes
Nov-15-2001
logo
Guangdong Kexin Industr...
BAT64 KEXIN-BAT64 Datasheet
38Kb / 1P
Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
Silicon Schottky Diodes
2007-04-19
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
Silicon Schottky Diodes
2007-06-11
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
SILICON SCHOTTKY DIODES
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
Silicon Schottky Diodes
2011-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com