Electronic Components Datasheet Search
  English  ▼

X  

AH5772 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH5772
Description  SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5772 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH5772 Datasheet HTML 1Page - Diodes Incorporated AH5772 Datasheet HTML 2Page - Diodes Incorporated AH5772 Datasheet HTML 3Page - Diodes Incorporated AH5772 Datasheet HTML 4Page - Diodes Incorporated AH5772 Datasheet HTML 5Page - Diodes Incorporated AH5772 Datasheet HTML 6Page - Diodes Incorporated AH5772 Datasheet HTML 7Page - Diodes Incorporated AH5772 Datasheet HTML 8Page - Diodes Incorporated AH5772 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AH5772
Document number: DS35442 Rev. 1 - 2
2 of 12
www.diodes.com
September 2014
© Diodes Incorporated
AH5772
Typical Applications Circuit
VDD
O1
O2
GND
AH5772
SYSTEM
POWER
Dz
C1
D1
Optional
Motor
Coil
GND
Note:
4. C1 is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 0.1µF for small motor current to 1µF or higher for
larger motor current. The value of C1 should be selected adequately to support the motor current.
Pin Descriptions
Pin Number
Pin Name
Description
1
VDD
Power supply input pin
2
O1
Output drive sourcing & sinking pin
3
O2
Output drive sourcing & sinking pin
4
GND
Ground pin
Functional Block Diagram
Lock Detect,
Shutdown and
Automatic Re-Start
Soft
Switching
Control
Hall
Sensor
AMP
O1
O2
Power
Management
GND
Control
Logic
Block
Full Bridge
Driver
Thermal
Shutdown
Over Voltage
Protection
Dynamic
Offset
Concellation
Temperature
and Voltage
Compensated
Reference
1
2
3
4
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com