Electronic Components Datasheet Search
  English  ▼

X  

AH5772 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH5772
Description  SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5772 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH5772 Datasheet HTML 1Page - Diodes Incorporated AH5772 Datasheet HTML 2Page - Diodes Incorporated AH5772 Datasheet HTML 3Page - Diodes Incorporated AH5772 Datasheet HTML 4Page - Diodes Incorporated AH5772 Datasheet HTML 5Page - Diodes Incorporated AH5772 Datasheet HTML 6Page - Diodes Incorporated AH5772 Datasheet HTML 7Page - Diodes Incorporated AH5772 Datasheet HTML 8Page - Diodes Incorporated AH5772 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AH5772
Document number: DS35442 Rev. 1 - 2
3 of 12
www.diodes.com
September 2014
© Diodes Incorporated
AH5772
Absolute Maximum Ratings (Notes 5 and 6) @TA = +25°C, unless otherwise specified.)
Symbol
Characteristics
Rating
Unit
VDD_MAX
Maximum Supply Voltage (Note 6)
24
V
VREVERSE
Reverse Supply Voltage on All Pins
-0.3
V
IO(PEAK)
Maximum Output Current (Peak)
1000
mA
B
Maximum Magnetic Flux Density
Unlimited
–
PD
Power Dissipation
TO94
1500
mW
TSTG
Storage Temperature Range
-65 to +150
oC
TJ
Maximum Junction Temperature
+150
C
ESD HBM
Human Body Model ESD Capability
VDD, O1, O2 and GND pins
4
kV
Notes:
5. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may
be affected by exposure to absolute maximum rating conditions for extended periods of time.
6. The absolute maximum VDD of 24V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to operate
the device at the absolute maximum rated conditions for any period of time.
Recommended Operating Conditions
Symbol
Characteristic
Conditions
Min
Max
Unit
VDD
Supply Voltage
Operating
2.4
18
V
TA
Operating Temperature Range
Operating
-40
+105
C
Electrical Characteristics (Note 7) (@TA = +25°C, V
DD = 12V, unless otherwise specified.)
Symbol
Characteristics
Conditions
Min
Typ
Max
Unit
IDD
Supply Current
No Load, PWM switching or high
–
3
4.5
mA
VOV_TH
Over Voltage Protection Threshold for
Shutdown to Standby Mode
Voltage increasing
19
21
23
V
VOV_RLTH
Over Voltage Release Threshold
Voltage decreasing
18
20
22
V
VOH
Output Voltage High
VDD = 12V , IOUT = 500mA
VDD -0.65
VDD-0.35
–
V
VDD = 12V , IOUT = 500mA
TA = -40C to +105C
VDD -0.75
VDD-0.35
–
V
VDD = 3V, IOUT = 300mA
VDD -0.35
VDD-0.23
–
V
VDD = 3V, IOUT = 300mA
TA = -40C to +105C
VDD -0.45
VDD-0.23
–
V
VOL
Output Voltage Low
VDD = 12V, IOUT = 500mA
–
0.29
0.40
V
VDD =12V , IOUT = 500mA
TA = -40C to +105C
–
0.29
0.55
V
VDD = 3V, IOUT = 300mA
–
0.19
0.26
V
VDD =3V, IOUT = 300mA
TA = -40C to +105C
–
0.19
0.35
V
Note:
7. Typical data is measured at TA = +25C, VDD = 12V. The maximum and minimum parameters values over operating temperature range are not tested in
production, they are guaranteed by design, characterization and process control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com