Electronic Components Datasheet Search
  English  ▼

X  

AH5773 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH5773
Description  SINGLE PHASE MOTOR DRIVER WITH INTERNAL HALL EFFECT LATCH SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5773 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH5773 Datasheet HTML 1Page - Diodes Incorporated AH5773 Datasheet HTML 2Page - Diodes Incorporated AH5773 Datasheet HTML 3Page - Diodes Incorporated AH5773 Datasheet HTML 4Page - Diodes Incorporated AH5773 Datasheet HTML 5Page - Diodes Incorporated AH5773 Datasheet HTML 6Page - Diodes Incorporated AH5773 Datasheet HTML 7Page - Diodes Incorporated AH5773 Datasheet HTML 8Page - Diodes Incorporated AH5773 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AH5773
Document number: DS35444 Rev. 2 - 2
2 of 17
www.diodes.com
January 2015
© Diodes Incorporated
AH5773
Typical Applications Circuit
VDD
FG
O1
O2
FG
GND
10k
W
AH5773
PWM
SYSTEM
POWER
PWM signal for
speed control
Dz
C1
D1
Optional
Motor
Coil
GND
Notes:
4. C1 is for power stabilization and to strengthen the noise immunity; the recommended value is 2.2µF. The value of capacitor can be optimized depending
on the operating mode, motor voltage and the motor current. For PWM speed control mode, with datasheet current capability, the recommended
capacitor value is 2.2µF, for lower motor current 1µF and higher should be used. If PWM speed control function is not used (PWM pin tied high or not
connected) the capacitor value can be reduced towards 0.1µF. The value of the C1 should be checked in the motor design in its operating conditions if it
is reduced from the recommended value of 2.2µF.
5. The AH5773 has an open-drain tachometer FG output that follows the magnetic change frequency. Typically a pull-up resistor of 10k
Ω is recommended
from FG pin to the supply voltage.
Pin Descriptions
Package Type: MSOP-8EP
Pin Number
Pin Name
Description
1
FG
Frequency Generator (FG) - The FG output is the same as the magnetic change frequency
2
PWM
PWM signal input pin for speed control
3
O2
Output drive sourcing & sinking pin
4
GND
Ground pin
5
O1
Output drive sourcing & sinking pin
6
VDD
Power supply input pin
7
NC
No connection (Note 6)
8
NC
No connection (Note 6)
Pad
Pad
Exposed pad for thermal dissipation. It can be connected to GND or left open circuit.
Note:
6.
NC is “No Connection” pin and is not connected internally. This pin can be left open or tied to ground.
Package Type: U-DFN2020-6
Pin Number
Pin Name
Description
1
PWM
PWM signal input pin for speed control
2
VDD
Power supply input pin
3
O2
Output drive sourcing & sinking pin
4
GND
Ground pin
5
O1
Output drive sourcing & sinking pin
6
FG
Frequency Generator (FG) - The FG output is the same as the magnetic change frequency
Pad
Pad
Exposed pad for thermal dissipation. It can be connected to GND or left open circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com