Electronic Components Datasheet Search
  English  ▼

X  

AP1682E Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1682E
Description  SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1682E Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1682E Datasheet HTML 1Page - Diodes Incorporated AP1682E Datasheet HTML 2Page - Diodes Incorporated AP1682E Datasheet HTML 3Page - Diodes Incorporated AP1682E Datasheet HTML 4Page - Diodes Incorporated AP1682E Datasheet HTML 5Page - Diodes Incorporated AP1682E Datasheet HTML 6Page - Diodes Incorporated AP1682E Datasheet HTML 7Page - Diodes Incorporated AP1682E Datasheet HTML 8Page - Diodes Incorporated AP1682E Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AP1682E
Document number: DS36648 Rev. 1 - 2
5 of 10
www.diodes.com
September 2014
© Diodes Incorporated
AP1682E
A Product Line of
Diodes Incorporated
Performance Characteristics
Supply Current vs. Supply Voltage
CV Threshold vs. Supply Voltage
Output Clamp Voltage vs. Supply Voltage
Start-up Voltage vs. Ambient Temperature
Minimal Operating Voltage vs. Ambient Temperature
Start-up Current vs. Ambient Temperature
0
5
10
15
20
25
30
0
100
200
300
400
500
600
700
800
900
1000
1100
Supply Voltage (V)
8
10
12
14
16
18
20
22
24
26
28
30
3.6
3.8
4.0
4.2
Supply Voltage (V)
8
10
12
14
16
18
20
22
24
26
28
30
5
6
7
8
9
10
11
12
13
14
Supply Voltage (V)
-40
-20
0
20
40
60
80
100
120
18.0
18.2
18.4
18.6
18.8
19.0
19.2
19.4
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
7.8
7.9
8.0
8.1
8.2
8.3
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com