Electronic Components Datasheet Search
  English  ▼

X  

AP1682E Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1682E
Description  SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR LED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1682E Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1682E Datasheet HTML 2Page - Diodes Incorporated AP1682E Datasheet HTML 3Page - Diodes Incorporated AP1682E Datasheet HTML 4Page - Diodes Incorporated AP1682E Datasheet HTML 5Page - Diodes Incorporated AP1682E Datasheet HTML 6Page - Diodes Incorporated AP1682E Datasheet HTML 7Page - Diodes Incorporated AP1682E Datasheet HTML 8Page - Diodes Incorporated AP1682E Datasheet HTML 9Page - Diodes Incorporated AP1682E Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP1682E
Document number: DS36648 Rev. 1 - 2
8 of 10
www.diodes.com
September 2014
© Diodes Incorporated
AP1682E
A Product Line of
Diodes Incorporated
Package Outline Dimensions (All dimensions in mm (inch).)
(1)
Package Type: SO-8
0 °
8 °
1 °
7 °
R0.150(0.006)
1.000(0. 039)
0.300(0. 012)
0.510(0. 020)
1.350(0. 053)
1.750(0. 069)
0.100(0. 004)
0.300(0. 012)
3.800(0. 150)
4.000(0. 157)
7 °
7°
20:1
D
1.270(0. 050)
TYP
0.150(0. 006)
0.250(0. 010)
8 °
D
5.800(0. 228)
6.200(0. 244)
0.600(0. 024)
0.725(0. 029)
0.320(0. 013)
8 °
0.450(0. 017)
0.820(0. 032)
4.700(0.185)
5.100(0.201)
Note: Eject hole , oriented hole and mold mark is optional .
Option 1
Option 1
Option 2
0.350(0. 014)
TYP
TYP
TYP
9
°
~
9°
~



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com