Electronic Components Datasheet Search
  English  ▼

X  

AP1684 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1684
Description  AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1684 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1684 Datasheet HTML 1Page - Diodes Incorporated AP1684 Datasheet HTML 2Page - Diodes Incorporated AP1684 Datasheet HTML 3Page - Diodes Incorporated AP1684 Datasheet HTML 4Page - Diodes Incorporated AP1684 Datasheet HTML 5Page - Diodes Incorporated AP1684 Datasheet HTML 6Page - Diodes Incorporated AP1684 Datasheet HTML 7Page - Diodes Incorporated AP1684 Datasheet HTML 8Page - Diodes Incorporated AP1684 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP1684
Document number: DS36547 Rev. 3 - 2
5 of 13
www.diodes.com
February 2014
© Diodes Incorporated
AP1684
A Product Line of
Diodes Incorporated
Performance Characteristics
Supply Current vs. Supply Voltage
CV Threshold vs. Supply Voltage
Start-up Voltage vs. Ambient Temperature
Minimal Operating Voltage vs. Ambient Temperature
Start-up Current vs. Ambient Temperature
Operating Current vs. Ambient Temperature
6
8
10
12
14
16
18
20
22
24
26
28
30
3.6
3.7
3.8
3.9
4.0
4.1
4.2
Supply Voltage (V)
-40
-20
0
20
40
60
80
100
120
16.8
17.2
17.6
18.0
18.4
18.8
19.2
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
6.2
6.3
6.4
6.5
6.6
6.7
6.8
6.9
7.0
7.1
7.2
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
0.0
0.1
0.2
0.3
0.4
0.5
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
750
800
850
900
950
1000
Ambient Temperature (
oC)
0
5
10
15
20
25
30
0
100
200
300
400
500
600
700
800
900
1000
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com