Electronic Components Datasheet Search
  English  ▼

X  

AP1684 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1684
Description  AC/DC, HIGH PF, HIGH EFFICIENCY LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1684 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1684 Datasheet HTML 3Page - Diodes Incorporated AP1684 Datasheet HTML 4Page - Diodes Incorporated AP1684 Datasheet HTML 5Page - Diodes Incorporated AP1684 Datasheet HTML 6Page - Diodes Incorporated AP1684 Datasheet HTML 7Page - Diodes Incorporated AP1684 Datasheet HTML 8Page - Diodes Incorporated AP1684 Datasheet HTML 9Page - Diodes Incorporated AP1684 Datasheet HTML 10Page - Diodes Incorporated AP1684 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP1684
Document number: DS36547 Rev. 3 - 2
7 of 13
www.diodes.com
February 2014
© Diodes Incorporated
AP1684
A Product Line of
Diodes Incorporated
Application Information
The AP1684 is designed for single voltage application, and it features high power factor correction (PFC), low total harmonic distortion (THD), low
BOM cost and good EMI performance. The device can be widely used in non-dimmable LED application such as GU10, bulb lamps, down lamp,
etc. The AP1684 adopts constant on time control method within one AC cycle to achieve the high power factor and low THD. The control scheme
is very simple, the power factor correction effectiveness is obvious, and the constant current control is also good enough.
T1
OUT
+
VCC FB
OUT
CS
GND
C3
R7
R5
R6
R4
D1
C4
R3
Q1
AC
Input
F1
VR1
DB1
C2
L1
C1
R8
D2
R1
R2
RI
RM
R9
5
7
4
6
3
2
8
Figure 1. Typical Application Circuit
Design Parameters
Setting the Current Sense Resistor R8
As the AP1684 adopts constant on time control method, the current of the inductance will follow the input voltage to get a sinusoidal wave. The
current sense pin CS of the AP1684 will sense the peak current of the inductance by sensing the voltage dropped on the current sense resistor R8,
and the constant current control is realized by controlling the peak current. In buck structure, when the Vo is higher than Vin, no energy will be
transferred from input to output which is called dead zone, and considering the dead zone of buck structure, the output current can be calculated
as below:
8
1
_
_
R
V
k
I
ref
cs
mean
o
Where,
Vcs_ref is the reference of the current sense, and the typical value is 1V.
K is the current modification coefficient, and the value of k is approximate to be 0.7.
So, the current sense resistor R8 is determined:
mean
o
ref
cs
I
V
k
R
_
_
8
Transformer Selection (T1)
The non-isolated buck circuit in Figure 1 is usually selected, and the system is operating at boundary conduction mode.
The system’s operating
frequency does
not keep constant, and considering the limit of the BJT’s operating frequency, the minimum switching frequency at the crest is set
as fmin, and then the buck inductance value L can be got:
m in
_
_
_
2
8
)
2
(
f
V
V
V
R
V
V
L
rms
in
ref
cs
o
o
rms
in
Where,
Vo is the output voltage.
Vin_rms is the RMS value of the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com