Electronic Components Datasheet Search
  English  ▼

X  

AP1690 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1690
Description  SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1690 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1690 Datasheet HTML 1Page - Diodes Incorporated AP1690 Datasheet HTML 2Page - Diodes Incorporated AP1690 Datasheet HTML 3Page - Diodes Incorporated AP1690 Datasheet HTML 4Page - Diodes Incorporated AP1690 Datasheet HTML 5Page - Diodes Incorporated AP1690 Datasheet HTML 6Page - Diodes Incorporated AP1690 Datasheet HTML 7Page - Diodes Incorporated AP1690 Datasheet HTML 8Page - Diodes Incorporated AP1690 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP1690
Document number: DS36469 Rev. 2 - 2
1 of 9
www.diodes.com
May 2014
© Diodes Incorporated
AP1690
A Product Line of
Diodes Incorporated
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
Description
The AP1690 is a high performance AC/DC universal input Primary
Side Regulation Power Factor Controller for dimmable LED driver
applications.
The AP1690 provides accurate constant current (CC) regulation while
removing the opto-coupler and secondary control circuitry. It also
eliminates the need of loop compensation circuitry while maintaining
stability. The AP1690 achieves excellent regulation and high
efficiency, yet meets the requirement of IEC61000-3-2 harmonic
standard.
The AP1690 features low start-up current, low operation current and
high efficiency. It also has rich protection features including over
voltage, short circuit, over current, over temperature protection etc. In
order to regulate the output current of LED current with the phase of
dimmer, pin 2 and pin 3 are used to set the peak current of
transformer according to the voltage applied to these two pins.
The AP1690 is available in SO-8 package.
Pin Assignments
(Top View)
(SO-8/ M Package)
Features
Primary Side Control for Output Current Regulation Without Opto-
coupler and Secondary CV/CC Control Circuitry
Low Start-up Current
Good Dimmer Compatibility
Tight CC Regulation Performance for Universal Input Mains
Voltage Range
Eliminates Control Loop Compensation Circuitry
Built-in Acceleration Start
LED Open Protection
LED Short Circuit Protection
Over Temperature Protection
Over Current Protection
Cost Effective for Dimmable LED Driver Solution
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Single
Stage
Power
Factor
Correction
Power
Supply
for
Dimmable LED Lighting
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
VCC
DIM
PD
GND
CS
OUT
FB
LED +
LED-
L
N
R1
R2
C1
BD1
ZD1
D1
C2
C3
C4
L1
R4
R5
R3
D2
R6
C5
R7
R8
C6
R9
R10
D3
R11
R12
R13
R14
C7
R15
R16
C8
R17
R18
D4
Q1
R19
D5
R20
C9
+
Q2
3
2
6
4
7
5
8
Non-isolated
1
2
3
4
8
7
6
5
NC
PD
DIM
CS
FB
GND
OUT
VCC


Similar Part No. - AP1690

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 2
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AP1694AEV10 DIODES-AP1694AEV10 Datasheet
756Kb / 10P
120VAC Triac Dimmable GU10 LED Driver
Rev 2
AP1694AEV11 DIODES-AP1694AEV11 Datasheet
854Kb / 10P
230VAC Triac Dimmable GU10 LED Driver
Rev 2
AP1694AMTR-G1 DIODES-AP1694AMTR-G1 Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
More results

Similar Description - AP1690

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL7732 FAIRCHILD-FL7732 Datasheet
1Mb / 13P
Single-Stage PFC Primary-Side-Regulation Offline
FL7730MY FAIRCHILD-FL7730MY Datasheet
1,009Kb / 13P
Single-Stage Primary-Side-Regulation PWM Controller for PFC and LED Dimmable Driving
logo
BCD Semiconductor Manuf...
AP1681 BCDSEMI-AP1681 Datasheet
346Kb / 13P
Off-line Primary Side Regulation Controller for Dimmable LED Driver
AP1682 BCDSEMI-AP1682 Datasheet
374Kb / 11P
Single Stage Primary Side Regulation PFC Controller For LED Driver
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
Single-Stage PFC Primary-Side-Regulation LED Driver
logo
Diodes Incorporated
AP1682E DIODES-AP1682E Datasheet
366Kb / 10P
SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR LED DRIVER
Rev 1
logo
Richtek Technology Corp...
RT7302 RICHTEK-RT7302 Datasheet
275Kb / 15P
Primary-Side-Regulation Dimmable LED Driver Controller
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com