Electronic Components Datasheet Search
  English  ▼

X  

AP1690 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1690
Description  SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1690 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1690 Datasheet HTML 1Page - Diodes Incorporated AP1690 Datasheet HTML 2Page - Diodes Incorporated AP1690 Datasheet HTML 3Page - Diodes Incorporated AP1690 Datasheet HTML 4Page - Diodes Incorporated AP1690 Datasheet HTML 5Page - Diodes Incorporated AP1690 Datasheet HTML 6Page - Diodes Incorporated AP1690 Datasheet HTML 7Page - Diodes Incorporated AP1690 Datasheet HTML 8Page - Diodes Incorporated AP1690 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1690
Document number: DS36469 Rev. 2 - 2
4 of 9
www.diodes.com
May 2014
© Diodes Incorporated
AP1690
A Product Line of
Diodes Incorporated
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Power Supply Voltage
9
21
V
TA
Ambient Temperature
-40
+105
ºC
Electrical Characteristics (@VCC = 15V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO Section
VTH (ST)
Start-up Threshold
–
18
19
20
V
VOPR (Min)
Minimal Operating Voltage
After turn on
7
8
9
VCC_OVP
VCC OVP Voltage
–
28
32
36
Standby Current Section
IST
Start-up Current
VCC = VTH (ST)-0.5V,
Before start up
–
–
100
µA
ICC (Max)
Maximum Operating Current
VPD = VDIM = 3V
–
1500
2000
Drive Output Section
VOH
Output High Level Voltage
IGD-SOURCE = 20mA
VCC = 12V
10
–
–
V
VOL
Output Low Level Voltage
IGD-SINK = 20mA
VCC = 12V
–
–
1
V
tR
Output Voltage Rise Time
CL = 1nF
100
140
190
ns
tF
Output Voltage Fall Time
CL = 1nF
30
60
90
ns
VO-CLAMP
Output Clamp Voltage
IGD-SOURCE = 5mA
VCC = 20V
12
13.5
15
V
Current Sense Section
tON (Min)
Minimum On Time
–
500
750
1000
ns
VSOCP
Short Circuit Protection
Voltage
–
3
4
–
V
Feedback Input Section
IFB
FB Pin Input Leakage Current
VFB = 4V
–
2
8
µA
VFB (ACC)
Acceleration Start Threshold
–
1.4
1.8
2.2
V
VFB (OVP)
Over Voltage Protection
–
4.5
6
7.5
V
Dimming Section
VIN
PD Pin and DIM Pin Input
Voltage Range
–
–
3
6
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com