Electronic Components Datasheet Search
  English  ▼

X  

AP3783R Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3783R
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783R Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3783R Datasheet HTML 6Page - Diodes Incorporated AP3783R Datasheet HTML 7Page - Diodes Incorporated AP3783R Datasheet HTML 8Page - Diodes Incorporated AP3783R Datasheet HTML 9Page - Diodes Incorporated AP3783R Datasheet HTML 10Page - Diodes Incorporated AP3783R Datasheet HTML 11Page - Diodes Incorporated AP3783R Datasheet HTML 12Page - Diodes Incorporated AP3783R Datasheet HTML 13Page - Diodes Incorporated AP3783R Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP3783R
Document number: DS37448 Rev. 5 - 2
10 of 17
www.diodes.com
October 2015
© Diodes Incorporated
AP3783R
Operation Principle Description (Cont.)
0V
See equation 5
tONS
tSAMPLE
Figure 3. Auxiliary Voltage Waveform
The voltage detection point is at a constant delay time of the D1 on-time. The constant delay time is changed with the different primary peak
current. The CV loop control function of AP3783R then generates a D1 off-time to regulate the output voltage.
Constant Current Operation
The AP3783R can work in constant-current (CC) mode. Figure 2 shows the secondary current waveforms.
In CC operation mode, the CC control loop of AP3783R will keep a fixed proportion between D1 on-time tONS and D1 off-time tOFFS. The fixed
proportion is
4
4
OFFS
ONS
t
t
(6)
The relationship between the output constant-current and secondary peak current Ipks is given by:
OFFS
ONS
ONS
PKS
MAX
O
t
t
t
I
I
2
1
)
(
(7)
As to tight coupled primary and secondary winding, the secondary peak current is
PK
S
P
PKS
I
N
N
I
(8)
Thus the output constant-current is given by:
PK
S
P
OFFS
ONS
ONS
PK
S
P
MAX
O
I
N
N
t
t
t
I
N
N
I
8
2
2
1
)
(
(9)
Therefore, AP3783R can realize CC mode operation by constant primary peak current and fixed diode conduction duty cycle.
Multiple Segment Constant Peak Current
As to the original PFM PSR system, the switching frequency decreases with output current decreasing, which will encounter audible noise issue
since switching frequency decreases to audio frequency range, about less than 20kHz.
In order to avoid audible noise issue, AP3783R uses 2-segment constant primary peak current control method. At constant voltage mode, the
current sense threshold voltage is of multiple segments with different loading, as shown in Figure 4, which are VCS_H for high load, VCS_L for
light load and LL Mode. At constant current mode, the current sense threshold voltage is always VCS_H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com