Electronic Components Datasheet Search
  English  ▼

X  

AP3783R Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3783R
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783R Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3783R Datasheet HTML 7Page - Diodes Incorporated AP3783R Datasheet HTML 8Page - Diodes Incorporated AP3783R Datasheet HTML 9Page - Diodes Incorporated AP3783R Datasheet HTML 10Page - Diodes Incorporated AP3783R Datasheet HTML 11Page - Diodes Incorporated AP3783R Datasheet HTML 12Page - Diodes Incorporated AP3783R Datasheet HTML 13Page - Diodes Incorporated AP3783R Datasheet HTML 14Page - Diodes Incorporated AP3783R Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AP3783R
Document number: DS37448 Rev. 5 - 2
11 of 17
www.diodes.com
October 2015
© Diodes Incorporated
AP3783R
Operation Principle Description (Cont.)
VCS_L
VCS_H
Light-load
High-load
VCS_REF
fSW
0.5kHz
80kHz
37%
5%
24kHz
IO(MAX)
65kHz
full load
Figure 4. Multiple Segment Peak Current at CV Mode
It can be seen from Figure 4, with multiple segment peak current control, AP3783R power system can keep switching frequency above 24kHz
at whole heavy load and most of light load to guarantee the audible noise free performance.
Constant Voltage Operation in LL Mode and Dynamic Response
In primary side regulation of AP3783R application, APR3415 must be used at secondary side as the output voltage regulator, low standby power
and excellent dynamic response can be achieved. When the output voltage detected by APR3415 is lower than its trigger voltage, APR3415
outputs periodical signals which will be coupled to auxiliary side. When AP3783R detects the signal which is valid that the signal voltage is higher
than VTRIGGER and tOFF is longer than tDELAY, AP3783R will begin an operating pulse, then primary switch immediately turns on to provide one energy
pulse to output terminal and primary VCC.
By fast response and cooperation, APR3415 and AP3783R can maintain a constant output voltage with very low operating frequency in LL mode
and also can effectively improve dynamic performance for primary side regulation power system.
The conditions of entering LL mode---VCPC<20mV and tOFF>256μs.
The condition of exiting LL mode---VCPC ≥40mV or tOFF<256μs.
The critical point of the LL mode is generally about 5% IO(MAX).
3-Segment Drive Current for Radiative EMI Suppression
When the power switch is turned on, a turn-on spike will occur, that worsens the radiative EMI. It is an effective way to decrease drive current
before gate voltage gets to miller platform. The AP3783R uses 3-segment drive current for radiative EMI suppression, as shown in Figure 5.
When gate voltage gets to 6V, the AP3783R drive current switches from low current (43mA) to high current (110mA). When the gate voltage
gets to 10V, the drive current will decrease gradually to 0mA until the gate voltage goes up to the clamp voltage (11V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com