Electronic Components Datasheet Search
  English  ▼

X  

AL8807B Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AL8807B
Description  HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807B Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AL8807B Datasheet HTML 9Page - Diodes Incorporated AL8807B Datasheet HTML 10Page - Diodes Incorporated AL8807B Datasheet HTML 11Page - Diodes Incorporated AL8807B Datasheet HTML 12Page - Diodes Incorporated AL8807B Datasheet HTML 13Page - Diodes Incorporated AL8807B Datasheet HTML 14Page - Diodes Incorporated AL8807B Datasheet HTML 15Page - Diodes Incorporated AL8807B Datasheet HTML 16Page - Diodes Incorporated AL8807B Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AL88070B
Document number: DS36191 Rev. 1 - 2
13 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AL8807B
Applications Information (cont.)
Inductor Selection (cont.)
The chosen coil should have a saturation current higher than the peak output current and a continuous current rating above the required mean
output current.
Suitable coils for use with the AL8807B are listed in the table below:
Part No.
L
(µH)
DCR
(V)
ISAT
(A)
Manufacturer
MSS1038-333
33
0.093
2.3
CoilCraft www.coilcraft.com
MSS1038-683
68
0.213
1.5
NPIS64D330MTRF
33
0.124
1.1
NIC www.niccomp.com
The inductor value should be chosen to maintain operating duty cycle and switch 'on'/'off' times over the supply voltage and load current range.
The following equations can be used as a guide, with reference to Figure 38 – typical switching waveforms.
Switch ‘On’ time

R
r
R
x
I
V
V
I
L
t
SW
L
S
AVG
LED
IN
ON
Switch ‘Off’ time

r
R
x
I
V
V
I
L
t
L
S
AVG
D
LED
OFF
Where:
L is the coil inductance (H)
rL is the coil resistance (Ω)
RS is the current sense resistance (Ω)
Iavg is the required LED current (A)
∆I is the coil peak-peak ripple current (A)
{Internally set to 0.3 x Iavg}
VIN is the supply voltage (V)
Figure 38 Typical Switching Waveform
VLED is the total LED forward voltage (V)
RSW is the switch resistance (Ω) {=0.5Ω nominal}
VD is the diode forward voltage at the required load current (V)
Thermal Protection
The AL8807B includes Over-Temperature Protection (OTP) circuitry that will turn off the device if its junction temperature gets too high. This is to
protect the device from excessive heat damage. The OTP circuitry includes thermal hysteresis that will cause the device to restart normal
operation once its junction temperature has cooled down by approximately 55°C.
Thermal Considerations
For continuous conduction mode of operation, the absolute maximum junction temperature must not be exceeded. The maximum power
dissipation depends on several factors: the thermal resistance of the IC package
JA, PCB layout, airflow surrounding the IC, and difference
between junction and ambient temperature.
The maximum power dissipation can be calculated using the following formula:
PD(MAX) = (TJ(MAX) − TA) / JA
where
TJ(MAX) is the maximum operating junction temperature  Maximum recommended = 125°C
TA is the ambient temperature, and
JA is the junction to ambient thermal resistance.
JA, is layout dependent and package dependent; the AL8807BMP’s JA on an FR4 51x51mm PCB with 2oz copper standing in still air is
approximately 69°C/W.
So the maximum power dissipation at TA = +25°C is:
PD(MAX) = (125°C − 25°C) / (69°C/W) = 1.41W for the above dimensioned PCB
VIN = 12V
TA =25ºC
2 LEDs
20ns/div
SW Pin: 2V/div
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com