Electronic Components Datasheet Search
  English  ▼

X  

AL8807B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL8807B
Description  HIGH EFFICIENCY 36V 1.3A PWM DIMMABLE BUCK LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8807B Datasheet(HTML) 3 Page - Diodes Incorporated

  AL8807B Datasheet HTML 1Page - Diodes Incorporated AL8807B Datasheet HTML 2Page - Diodes Incorporated AL8807B Datasheet HTML 3Page - Diodes Incorporated AL8807B Datasheet HTML 4Page - Diodes Incorporated AL8807B Datasheet HTML 5Page - Diodes Incorporated AL8807B Datasheet HTML 6Page - Diodes Incorporated AL8807B Datasheet HTML 7Page - Diodes Incorporated AL8807B Datasheet HTML 8Page - Diodes Incorporated AL8807B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AL88070B
Document number: DS36191 Rev. 1 - 2
3 of 18
www.diodes.com
March 2014
© Diodes Incorporated
AL8807B
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
2.5
kV
ESD MM
Machine Model ESD Protection
200
V
VIN
Continuous VIN Pin Voltage Relative to GND
-0.3 to +40
V
VSW
SW Voltage Relative to GND
-0.3 to +40
V
VCTRL
CTRL Pin Input Voltage
-0.3 to +6
V
ISW-RMS
DC or RMS Switch Current
MSOP-8EP
1.6
A
ISW-PK
Peak Switch Current (<10%)
2.5
A
TJ
Junction Temperature
+150
°C
TLEAD
Lead Temperature Soldering
+300
°C
TST
Storage Temperature Range
-65 to +150
°C
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Operating Input Voltage Relative to GND
6.0
36
V
VCTRLH
Voltage High for PWM Dimming Relative to GND
2.5
5.5
V
VCTRLL
Voltage Low for PWM Dimming Relative to GND
0
0.4
V
fSW
Maximum Switching Frequency
—
1
MHz
ISW
Continuous Switch Current
MSOP-8EP
—
1.3
A
TJ
Junction Temperature Range
-40
+125
°C
Electrical Characteristics (VIN = 12V, @TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VINSU
Internal Regulator Start Up Threshold
VIN rising
—
—
5.9
V
VINSH
Internal Regulator Hysteresis Threshold VIN falling
100
—
300
mV
IQ
Quiescent Current
Output not switching (Note 4)
—
—
350
µA
IS
Input Supply Current
CTRL pin floating f = 250kHz
—
1.8
5
mA
VTH
Set Current Threshold Voltage
—
95
100
105
mV
VTH-H
Set Threshold Hysteresis
—
—
±15
—
mV
ISET
SET Pin Input Current
VSET = VIN-0.1
—
16
22
µA
RCTRL
CTRL Pin Input Resistance
Referred to internal reference
—
50
—
kΩ
VREF
Internal Reference Voltage
—
2.5
—
V
RDS(ON)
On Resistance of SW MOSFET
ISW = 1A
—
0.25
0.4
Ω
tR
SW Rise Time
VSENSE = 100 ±20mV fSW = 250kHz
VSW = 0.1V~12V~0.1V CL = 15pF
—
12
—
ns
tF
SW Fall Time
—
20
—
ns
TOTP
Over-Temperature Shutdown
—
—
155
—
°C
TOTP-Hyst
Over-Temperature Hysteresis
—
—
55
—
°C
ISW_Leakage Switch Leakage Current
VIN =36V
—
—
0.5
μA
θJA
Thermal Resistance Junction-to-
Ambient (Note 5)
(Note 6)
—
69
—
°C/W
θJC
Thermal Resistance Junction-to-case
(Note 7)
(Note 6)
—
4.3
—
—
Notes:
4. AL8807B does not have a low power standby mode but current consumption is reduced when output switch is inhibited: VSENSE = 0V. Parameter is
tested with VCTRL ≤ 2.5V.
5. Refer to figure 39 for the device derating curve.
6. Test condition for MSOP-8EP: Device mounted on FR-4 PCB (51mm x 51mm 2oz copper, minimum recommended pad layout on top layer and
thermal vias to bottom layer with maximum area ground plane. For better thermal performance, larger copper pad for heat-sink is needed.
7. Dominant conduction path is via exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com