Electronic Components Datasheet Search
  English  ▼

X  

AP2805 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2805
Description  500mA High-side Power Distribution Switch with Enable and Flag
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2805 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2805 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
500mA High-side Power Distribution Switch with Enable and Flag
AP2805
Aug. 2012 Rev 1. 0
BCD Semiconductor Manufacturing Limited
4
Ordering Information
AP2805
-
Circuit Type
Product Package
Condition
Temperature
Range
Part Number
Marking ID
Packing
Type
Green
Green
AP2805A
SOIC-8
Active High
with Auto Discharge
-40 to 85
°C
AP2805AM-G1
2805AM-G1
Tube
AP2805AMTR-G1
2805AM-G1
Tape & Reel
MSOP-8
AP2805AMM-G1
2805AMM-G1
Tube
AP2805AMMTR-G1
2805AMM-G1
Tape & Reel
AP2805B
SOIC-8
Active High
without Auto Discharge
-40 to 85
°C
AP2805BM-G1
2805BM-G1
Tube
AP2805BMTR-G1
2805BM-G1
Tape & Reel
MSOP-8
AP2805BMM-G1
2805BMM-G1
Tube
AP2805BMMTR-G1
2805BMM-G1
Tape & Reel
AP2805C
SOIC-8
Active Low
with Auto Discharge
-40 to 85
°C
AP2805CM-G1
2805CM-G1
Tube
AP2805CMTR-G1
2805CM-G1
Tape & Reel
MSOP-8
AP2805CMM-G1
2805CMM-G1
Tube
AP2805CMMTR-G1
2805CMM-G1
Tape & Reel
AP2805D
SOIC-8
Active Low
without Auto Discharge
-40 to 85
°C
AP2805DM-G1
2805DM-G1
Tube
AP2805DMTR-G1
2805DM-G1
Tape & Reel
MSOP-8
AP2805DMM-G1
2805DMM-G1
Tube
AP2805DMMTR-G1
2805DMM-G1
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS compliant
and Green.
Package
M: SOIC-8
MM: MSOP-8
Condition
A: Active High with Auto Discharge
B: Active High without Auto Discharge
C: Active Low with Auto Discharge
D: Active Low without Auto Discharge
G1: Green
TR: Tape & Reel
Blank: Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com