Electronic Components Datasheet Search
  English  ▼

X  

AP2805 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2805
Description  500mA High-side Power Distribution Switch with Enable and Flag
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2805 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2805 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2805 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
500mA High-side Power Distribution Switch with Enable and Flag
AP2805
Aug. 2012 Rev 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The AP2805 is an integrated high-side power switch
that consists of N-Channel MOSFET, charge pump,
over current & temperature and other related protection
circuits. The switch’s low RDS (ON), 60mΩ, design
easily to meet USB voltage drop requirements. It
includes soft-start to limit inrush current, over-current
protection, load short protection with fold-back, and
thermal shutdown to avoid switch failure during hot
plug-in. Under voltage lockout (UVLO) function is
used to ensure the device remain off unless there is a
valid input voltage present. A Flag output is available
to indicate fault conditions to the local USB
controller.
The AP2805 is available in standard packages of
SOIC-8 and MSOP-8.
Features
•
Low MOSFET on Resistance:
60mΩ@VIN=5.0V
•
Compliant to USB Specifications
•
Operating Voltage Range: 2.7V to 5.5V
•
Low Supply Current: 60µA (Typ.)
•
Low Shutdown Current: 1.0µA (Max)
•
Guarantee 0.5A Continuous Load
•
Current Limit: 0.7A (Min), 1.4A (Max)
•
Under-voltage Lockout
•
Logic Level Enable Pin: Available in
Active-high or Active-low Version
•
Over-current Protection
•
Over Temperature Protection
•
Load Short Protection with Fold-back
•
No Reverse Current When Power Off
•
Deglitched Flag Output with Open Drain
•
With Output Shutdown Pull-low Resistor for
A/C Versions
•
UL Approved (File No. E339337)
•
Nemko CB Scheme IEC60950-1, Ref. Certif
No. NO67288
Applications
•
USB Power Management
•
USB Bus/Self Powered Hubs
•
Hot-plug Power Supplies
•
Battery-charger Circuits
•
Notebooks, Motherboard PCs
Figure 1. Package Types of AP2805
SOIC-8
MSOP-8


Similar Part No. - AP2805

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP280N04HP APME-AP280N04HP Datasheet
835Kb / 8P
40V N-Channel Enhancement Mode MOSFET
REV1.0
AP280N04HPT APME-AP280N04HPT Datasheet
835Kb / 8P
40V N-Channel Enhancement Mode MOSFET
REV1.0
AP280N04HT APME-AP280N04HT Datasheet
835Kb / 8P
40V N-Channel Enhancement Mode MOSFET
REV1.0
AP280N04P APME-AP280N04P Datasheet
997Kb / 8P
40V N-Channel Enhancement Mode MOSFET
AP280N04PT APME-AP280N04PT Datasheet
997Kb / 8P
40V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP2805

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
RT9721A RICHTEK-RT9721A Datasheet
204Kb / 13P
80m廓, 500mA High-Side Power Switches with Flag
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
80m廓, 500mA High-Side Power Switch with Flag
logo
BCD Semiconductor Manuf...
AP2810 BCDSEMI-AP2810 Datasheet
684Kb / 14P
1.0A High-side Power Distribution Switch with Enable and Flag
AP2815 BCDSEMI-AP2815 Datasheet
634Kb / 16P
1.5A High-side Power Distribution Switch with Enable and Flag
AP2820 BCDSEMI-AP2820 Datasheet
653Kb / 18P
High-side Power Distribution Switch with Enable and Flag
AP2821 BCDSEMI-AP2821 Datasheet
717Kb / 17P
High-side Power Distribution Switch with Enable
logo
Diodes Incorporated
AP2810 DIODES-AP2810 Datasheet
684Kb / 14P
1.0A High-side Power Distribution Switch with Enable and Flag
Jul. 2012 Rev 1. 2
AP2815 DIODES-AP2815 Datasheet
633Kb / 16P
1.5A High-side Power Distribution Switch with Enable and Flag
Apr. 2012 Rev 1. 7
AP2821 DIODES-AP2821 Datasheet
717Kb / 17P
High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com