Electronic Components Datasheet Search
  English  ▼

X  

AP7341 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7341
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7341 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP7341 Datasheet HTML 3Page - Diodes Incorporated AP7341 Datasheet HTML 4Page - Diodes Incorporated AP7341 Datasheet HTML 5Page - Diodes Incorporated AP7341 Datasheet HTML 6Page - Diodes Incorporated AP7341 Datasheet HTML 7Page - Diodes Incorporated AP7341 Datasheet HTML 8Page - Diodes Incorporated AP7341 Datasheet HTML 9Page - Diodes Incorporated AP7341 Datasheet HTML 10Page - Diodes Incorporated AP7341 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AP7341
Document number: DS36523 Rev. 4 - 2
7 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP7341
Typical Characteristics (cont.)
0
10
20
30
40
50
60
70
80
90
2.8
3.3
3.8
4.3
4.8
5.3
Input Voltage V IN (V)
Ripple Rejection vs. Input Bias
Voltage
AP7341-28
1KHz
10KHz
100KH
z
I
OUT=1m
A
0
10
20
30
40
50
60
70
80
90
2.8
3.3
3.8
4.3
4.8
5.3
Input Voltage V IN (V)
Ripple Rejection vs. Input Bias Voltage
AP7341-28
1KHz
10KHz
100KHz
I
OUT=30mA
0
20
40
60
80
100
120
100
1000
10000
100000
1000000
Frequency f (Hz)
Ripple Rejection vs. Frequency
AP7341-18
I
OUT=1mA
I
OUT=30mA
I
OUT=150mA
0
10
20
30
40
50
60
70
80
90
100
100
1000
10000
100000
1000000
Frequency f (Hz)
Ripple Rejection vs. Frequency
AP7341-25
I
OUT=1mA
I
OUT=30mA
I
OUT=150mA
0
20
40
60
80
100
120
100
1000
10000
100000
1000000
Frequency f (Hz)
Ripple Rejection vs. Frequency
AP7341-33
I
OUT=1mA
I
OUT=30mA
I
OUT=150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com