Electronic Components Datasheet Search
  English  ▼

X  

AP7341 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7341
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7341 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7341 Datasheet HTML 4Page - Diodes Incorporated AP7341 Datasheet HTML 5Page - Diodes Incorporated AP7341 Datasheet HTML 6Page - Diodes Incorporated AP7341 Datasheet HTML 7Page - Diodes Incorporated AP7341 Datasheet HTML 8Page - Diodes Incorporated AP7341 Datasheet HTML 9Page - Diodes Incorporated AP7341 Datasheet HTML 10Page - Diodes Incorporated AP7341 Datasheet HTML 11Page - Diodes Incorporated AP7341 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AP7341
Document number: DS36523 Rev. 4 - 2
8 of 14
www.diodes.com
July 2014
© Diodes Incorporated
AP7341
AP7341-25
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
100
2.500
2.480
2.520
5
4
3
AP7341-33
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
100
3.300
3.280
3.320
5
4
6
Typical Characteristics (cont.)
AP7341-33
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
20
40
60
80
100
600
300
0
3.30
3.10
3.50
2.90
VIN=4.3V
tr=tf=0.5µs
AP7341-25
Time t (µs)
Output Voltage
Output Current
1mA
 300mA
0
20
40
60
80
100
600
300
0
2.50
2.30
2.70
2.10
VIN=3.5V
tr=tf=0.5µs
AP7341-33
Time t (µs)
Output Voltage
Output Current
1mA
 150mA
0
20
40
60
80
100
300
150
0
3.30
3.10
3.50
2.90
VIN=4.3V
tr=tf=0.5µs
AP7341-25
Time t (µs)
Output Voltage
Output Current
1mA
 150mA
0
20
40
60
80
100
2.50
2.30
2.70
300
150
0
2.10
VIN=3.5V
tr=tf=0.5µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com