Electronic Components Datasheet Search
  English  ▼

X  

AP7344 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7344
Description  DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7344 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7344 Datasheet HTML 4Page - Diodes Incorporated AP7344 Datasheet HTML 5Page - Diodes Incorporated AP7344 Datasheet HTML 6Page - Diodes Incorporated AP7344 Datasheet HTML 7Page - Diodes Incorporated AP7344 Datasheet HTML 8Page - Diodes Incorporated AP7344 Datasheet HTML 9Page - Diodes Incorporated AP7344 Datasheet HTML 10Page - Diodes Incorporated AP7344 Datasheet HTML 11Page - Diodes Incorporated AP7344 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP7344
Document number: DS37368 Rev. 1 - 2
8 of 15
www.diodes.com
January 2015
© Diodes Incorporated
AP7344
Performance Characteristics (Cont.)
Line Transient Response Waveforms
Line Transient Response Waveforms
Load Transient Response Waveforms
Load Transient Response Waveforms
Load Transient Response Waveforms
Load Transient Response Waveforms
VOUT=2.8V,
Time t (µs)
Output Voltage
Output Current
50mA
 100mA
0
80
160
240
320
400
150
100
50
0
2.81
2.80
2.82
2.79
2.78
1.81
1.80
1.79
Output Voltage IOUT=30mA
VOUT=2.8V,
Time t (µs)
Output Voltage
Output Current
50mA
 100mA
0
80
160
240
320
400
150
100
50
0
2.81
2.80
2.82
2.79
2.78
1.81
1.80
1.79
Output Voltage IOUT=30mA
VOUT=1.8V,
Time t (µs)
Output Voltage
Output Current
50mA
 100mA
0
80
160
240
320
400
150
100
50
0
1.81
1.80
1.82
1.79
1.78
2.81
2.80
2.79
Output Voltage IOUT=30mA
COUT=4.7µF
Time t (µs)
Output Voltage
Output Current
50mA
 100mA
0
80
160
240
320
400
150
100
50
0
1.81
1.80
1.82
1.79
1.78
2.81
2.80
2.79
Output Voltage IOUT=30mA
VOUT=1.8V,
VOUT=2.8V
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
2.800
2.790
2.810
4
3
2
VOUT=1.8V
Time t (µs)
Output Voltage
Input Voltage
0
20
40
60
80
1.800
1.790
1.810
4
3
2
COUT=1µF
COUT=4.7µF
COUT=1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com