Electronic Components Datasheet Search
  English  ▼

X  

AP7344 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP7344
Description  DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7344 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP7344 Datasheet HTML 7Page - Diodes Incorporated AP7344 Datasheet HTML 8Page - Diodes Incorporated AP7344 Datasheet HTML 9Page - Diodes Incorporated AP7344 Datasheet HTML 10Page - Diodes Incorporated AP7344 Datasheet HTML 11Page - Diodes Incorporated AP7344 Datasheet HTML 12Page - Diodes Incorporated AP7344 Datasheet HTML 13Page - Diodes Incorporated AP7344 Datasheet HTML 14Page - Diodes Incorporated AP7344 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AP7344
Document number: DS37368 Rev. 1 - 2
12 of 15
www.diodes.com
January 2015
© Diodes Incorporated
AP7344
Marking Information
(1)
X2-DFN1612-8
Y : Year : 0~9
(Top View)
X : Internal code
Y W X
XXX
XXX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
VOUT1/VOUT2
Package
Identification Code
AP7344-3028RH4-7
3.0V/2.8V
X2-DFN1612-8
DAA
AP7344-3328RH4-7
3.3V/2.8V
X2-DFN1612-8
DAB
AP7344-3318RH4-7
3.3V/1.8V
X2-DFN1612-8
DAC
AP7344D-1218RH4-7
1.2V/1.8V
X2-DFN1612-8
DAD
AP7344D-1528RH4-7
1.5V/2.8V
X2-DFN1612-8
DAE
AP7344D-1812RH4-7
1.8V/1.2V
X2-DFN1612-8
DAF
AP7344D-1815RH4-7
1.8V/1.5V
X2-DFN1612-8
DAG
AP7344D-1818RH4-7
1.8V/1.8V
X2-DFN1612-8
DAH
AP7344D-1828RH4-7
1.8V/2.8V
X2-DFN1612-8
DAJ
AP7344D-1833RH4-7
1.8V/3.3V
X2-DFN1612-8
DAK
AP7344D-2518RH4-7
2.5V/1.8V
X2-DFN1612-8
DAM
AP7344D-2812RH4-7
2.8V/1.2V
X2-DFN1612-8
DAN
AP7344D-2818RH4-7
2.8V/1.8V
X2-DFN1612-8
DAP
AP7344D-2825RH4-7
2.8V/2.5V
X2-DFN1612-8
DAR
AP7344D-2833RH4-7
2.8V/3.3V
X2-DFN1612-8
DAS
AP7344D-2828RH4-7
2.8V/2.8V
X2-DFN1612-8
DAT
AP7344D-285285RH4-7
2.85V/2.85V
X2-DFN1612-8
DAU
AP7344D-3018RH4-7
3.0V/1.8V
X2-DFN1612-8
DAV
AP7344D-3028RH4-7
3.0V/2.8V
X2-DFN1612-8
DAW
AP7344D-3030RH4-7
3.0V/3.0V
X2-DFN1612-8
DAX
AP7344D-3318RH4-7
3.3V/1.8V
X2-DFN1612-8
DAY
AP7344D-3328RH4-7
3.3V/2.8V
X2-DFN1612-8
DAZ
AP7344D-3330RH4-7
3.3V/3.0V
X2-DFN1612-8
DA2
AP7344D-3333RH4-7
3.3V/3.3V
X2-DFN1612-8
DA3
AP7344D-3612RH4-7
3.6V/1.2V
X2-DFN1612-8
DA4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com