Electronic Components Datasheet Search
  English  ▼

X  

AP22802 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP22802
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22802 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP22802 Datasheet HTML 5Page - Diodes Incorporated AP22802 Datasheet HTML 6Page - Diodes Incorporated AP22802 Datasheet HTML 7Page - Diodes Incorporated AP22802 Datasheet HTML 8Page - Diodes Incorporated AP22802 Datasheet HTML 9Page - Diodes Incorporated AP22802 Datasheet HTML 10Page - Diodes Incorporated AP22802 Datasheet HTML 11Page - Diodes Incorporated AP22802 Datasheet HTML 12Page - Diodes Incorporated AP22802 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AP22802
Document number: DS36218 Rev. 3 - 2
9 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP22802
965010
Performance Characteristics (Cont.) (TA = +25°C, VIN = 5V, CIN = 1μF, CL = 0.1μF, unless otherwise specified.)
Supply Current vs. Temperature
(Output Enabled)
Supply Current vs. Temperature
(Output Disabled)
RDS(ON) vs. Temperature
Short-Circuit Output Current vs. Temperature
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
Temperature (
℃)
-1.0
-0.5
0.0
0.5
1.0
-50
-25
0
25
50
75
100
125
Temperature (
℃)
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (
℃)
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
3.3V
2.7V
5V
5.5V
VIN=2.7V
VIN=3.3V
VIN=5V
VIN=5.5V
VIN=2.7V
VIN=5V
VIN=5.5V
VIN=3.3V
VIN=5.5V
VIN=5V
VIN=2.7V
VIN=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com