Electronic Components Datasheet Search
  English  ▼

X  

AP22802 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP22802
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22802 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP22802 Datasheet HTML 6Page - Diodes Incorporated AP22802 Datasheet HTML 7Page - Diodes Incorporated AP22802 Datasheet HTML 8Page - Diodes Incorporated AP22802 Datasheet HTML 9Page - Diodes Incorporated AP22802 Datasheet HTML 10Page - Diodes Incorporated AP22802 Datasheet HTML 11Page - Diodes Incorporated AP22802 Datasheet HTML 12Page - Diodes Incorporated AP22802 Datasheet HTML 13Page - Diodes Incorporated AP22802 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP22802
Document number: DS36218 Rev. 3 - 2
11 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP22802
965010
Application Information
Power Supply Considerations
A 1μF X7R or X5R ceramic bypass capacitor between IN and GND, close to the device, is recommended. Placing a high-value capacitor (10μF
minimum) on both input and output pins is recommended when the output transient load is heavy. This precaution reduces power-supply
transients that may cause ringing on the input. Additionally, bypassing the output with a
0.01μF to 0.1μF ceramic capacitor improves the immunity
of the device to short-circuit transients.
FLG Response
When an over-current or over-temperature shutdown condition is encountered, the FLG open-drain output goes active low after a nominal 6ms
deglitch timeout. The FLG output remains low until both over-current and over-temperature conditions are removed. Connecting a heavy
capacitive load to the output of the device can cause a momentary over-current condition, which does not trigger the FLG due to the 6ms deglitch
timeout. The AP22802 is designed to eliminate false over-current reporting without the need of external components to remove unwanted pulses.
Over-Current and Short Circuit Protection
An internal sensing FET is employed to check for over-current conditions. Unlike current-sense resistors, sense FETs do not increase the series
resistance of the current path. When an overcurrent condition is detected, the device maintains a constant output current and reduces the output
voltage accordingly. Complete shutdown occurs only if the fault stays long enough to activate thermal limiting.
Three possible overload conditions can occur. In the first condition, the output has been shorted to GND before the device is enabled or before
VIN has been applied. The AP22802 senses the short circuit and immediately clamps output current to a certain safe level.
In the second condition, an output short or an overload occurs while the device is enabled. At the instance the overload occurs, higher current
may flow for a very short period of time before the current limit function can react. After the current limit function has tripped, the device switches
into current limiting mode and the current is clamped at ILIMIT, or ISHORT.
In the third condition, the load has been gradually increased beyond the recommended operating current. The current is permitted to rise until the
current-limit threshold (ITRIG) is reached or until the thermal limit of the device is exceeded. The AP22802 is capable of delivering current up to the
current-limit threshold without damaging the device. Once the threshold has been reached, the device switches into its current limiting mode and
is set at ILIMIT.
Thermal Protection
Thermal protection prevents the IC from damage when heavy-overload or short-circuit faults are present for extended periods of time. The
AP22802 implements a thermal sensing to monitor the operating junction temperature of the power distribution switch. Once the die temperature
rises to approximately +140°C due to excessive power dissipation in an over-current or short-circuit condition the internal thermal sense circuitry
turns the power switch off, thus preventing the power switch from damage. Hysteresis is built into the thermal sense circuit allowing the device to
cool down approximately +60°C before the switch turns back on. The switch continues to cycle in this manner until the load fault or input power is
removed. The FLG open-drain output is asserted when an over-temperature shutdown or over-current occurs with 6ms deglitch.
ON/OFF Input Operator
The EN input allows the output current to be switched on and off using a GPIO compatible input. The high signal (switch on) should be at least
1.5V, and the low signal (switch off) no higher than 0.5V. This pin should NOT be left floating. It is advisable to hold the EN signal low when
applying or removing power.
Under-voltage Lockout (UVLO)
Under-voltage lockout function (UVLO) keeps the internal power switch from being turned on until the power supply has reached at least 2V, even
if the switch is enabled. Whenever the input voltage falls below approximately 2V, the power switch is quickly turned off. This facilitates the design
of hot-insertion systems where it is not possible to turn off the power switch before input power is removed.
Discharge Function
The discharge function of the device is active when enable is disabled or de-asserted. The discharge function with the N-MOS power switch
implementation is activated and offers a resistive discharge path for the external storage capacitor. This is designed for discharging any residue of
the output voltage when either no external output resistance or load resistance is present at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com