Electronic Components Datasheet Search
  English  ▼

X  

CP2102 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # CP2102
Description  DEVICE CUSTOMIZATION GUIDE
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 2 Page - Silicon Laboratories

  CP2102 Datasheet HTML 1Page - Silicon Laboratories CP2102 Datasheet HTML 2Page - Silicon Laboratories CP2102 Datasheet HTML 3Page - Silicon Laboratories CP2102 Datasheet HTML 4Page - Silicon Laboratories CP2102 Datasheet HTML 5Page - Silicon Laboratories CP2102 Datasheet HTML 6Page - Silicon Laboratories CP2102 Datasheet HTML 7Page - Silicon Laboratories CP2102 Datasheet HTML 8Page - Silicon Laboratories CP2102 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
AN721
2
Rev. 1.2
2. Basic Device Customization
The steps to customize the CP210x family of devices is slightly different than customizing the CP211x and CP2130
devices. The CP210x devices require a driver, but the CP211x devices do not because they are of the HID class,
which is natively supported by most operating systems. The next two sections describe the recommended steps for
customizing the device based on the family, either the CP210x, CP211x, or CP2130.
2.1. Summary of Steps for Customizing the CP210x Non-HID USB Devices
The CP210x family of devices provides communication from USB to UART. This requires a driver to interface to the
device. There are two types of drivers provided. One is the Virtual COM port (VCP) driver which allows the device
to appear to the PC’s application software as a COM port. This driver is always used first to connect to the Device
Customization Software program to change the PID since by default this driver has the same VID and PID as what
is programmed in the default devices. After the Device Customization Software program is used to change the PID,
the driver must match the new values that have been loaded in the device from the Device Customization
Software. If the user wants to communicate to the device via a high level application program, a USBXpress driver
can be used which provides this functionality. This driver must be downloaded and installed after using the Device
Customization Software. Then the USBXpress driver or VCP driver (which ever one will be used) should be
updated to make sure the driver matches the VID and PID in the device. A PC cannot have both the VCP and
USBXpress drivers loaded with the same VID and PID, as this would cause USB device identification conflicts. In
the end, only one driver can be used, either the VCP or the USBXpress.
There are VCP and USBXpress drivers for various operating systems, which are all listed on the website at
http://www.silabs.com/products/mcu/pages/usbtouartbridgevcpdrivers.aspx
for
the
VCP
driver
and
at
www.silabs.com/usbxpress for the USBXpress driver. The process described below must be followed each time a
new operating system must be supported. If the driver has been certified for Windows 7 32-bit and then it is
necessary to support Windows 7 64-bit, then the driver must be recertified. The Microsoft certification process must
be initiated again, and the reseller fee must be paid to Microsoft for the 64-bit version of the driver. Microsoft
requires this certification process which involves Windows hardware quality labs testing (WHQL). It certifies that
the hardware or software has been tested by Microsoft to ensure compatibility. Device drivers that pass the WHQL
tests are given a digitally signed certification file, which prevents Windows from displaying a warning message that
the driver has not been certified by Microsoft.
Figure 1 shows the default VID and PID values for the device and drivers. To establish communication with the
driver, the VID and PID of the device must match the driver. Notice that the default CP210x device VID and PID
match the default VCP driver VID and PID numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com