| Electronic Components Datasheet Search |
|
CP2102 Datasheet(PDF) 39 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
CP2102 Datasheet(HTML) 39 Page - Silicon Laboratories |
|
39 / 45 page ![]() AN721 Rev. 1.2 39 6.1.34. CP210xGetDualPortConfig Description: Gets the current port pin configuration from the CP210x device. Supported Devices: CP2105 Location: CP210x Manufacturing DLL Prototype: CP210X_STATUS CP210x_SetPortConfig(HANDLE Handle, LPVOID DualPortCon- fig) Parameters: 1. Handle—Handle to the device as returned by CP210x_Open() 2. DualPortConfig—Pointer to a DUAL_PORT_CONFIG structure Return Value: CP210X_STATUS = CP210X_SUCCESS, CP210X_INVALID_HANDLE, CP210X_DEVICE_IO_FAILED, CP210X_UNSUPPORTED_DEVICE 6.1.35. CP210x_Reset Description: Initiates a reset of the USB interface. Note: There is a delay of ~1 second before the reset is initiated by the device firmware to give the application time to call CP210x_Close() to close the device handle. No further operations should be performed with the device until it resets, re- enumerates in Windows, and a new handle is opened. Supported Devices: CP2101, CP2102, CP2103, CP2104, CP2105, CP2108 Location: CP210x Manufacturing DLL Prototype: CP210x_STATUS CP210x_Reset( HANDLE Handle ) Parameters: 1. Handle—Handle to the device to close as returned by CP210x_Open(). Return Value: CP210x_STATUS = CP210x_SUCCESS, CP210x_INVALID_HANDLE, CP210x_DEVICE_IO_FAILED 6.1.36. CP210xGetQuadPortConfig Description: Gets the current port pin configuration from the CP210x device. Supported Devices: CP2105 Location: CP210x Manufacturing DLL Prototype: CP210X_STATUS CP210x_SetPortConfig(HANDLE Handle, LPVOID DualPortCon- fig) Parameters: 1. Handle—Handle to the device as returned by CP210x_Open() 2. DualPortConfig—Pointer to a DUAL_PORT_CONFIG structure Return Value: CP210X_STATUS = CP210X_SUCCESS, CP210X_INVALID_HANDLE, CP210X_DEVICE_IO_FAILED, CP210X_UNSUPPORTED_DEVICE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |