| Electronic Components Datasheet Search |
|
CP2103 Datasheet(PDF) 33 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
CP2103 Datasheet(HTML) 33 Page - Silicon Laboratories |
|
33 / 45 page ![]() AN721 Rev. 1.2 33 6.1.19. CP210xSetDualPortConfig Description: Sets the current port pin configuration from the CP210x device. SetDeviceMode() must be called before calling this function. Supported Devices: CP2105 Location: CP210x Manufacturing DLL Prototype: CP210X_STATUS CP210x_SetPortConfig(HANDLE Handle, LPVOID DualPortCon- fig) Parameters: 1. Handle—Handle to the device as returned by CP210x_Open() 2. DualPortConfig—Pointer to a DUAL_PORT_CONFIG structure Return Value: CP210X_STATUS = CP210X_SUCCESS, CP210X_INVALID_HANDLE, CP210X_DEVICE_IO_FAILED, CP210X_UNSUPPORTED_DEVICE 6.1.20. CP210x_GetDeviceProductString Description: Returns the Product Description String of the String Descriptor of a CP210x device. If the Convert- ToASCII parameter is set, the string will be converted to ASCII format before being returned to the caller. The character size limit (in characters, not bytes), NOT including a NULL terminator, is CP210x_MAX_PRODUCT_STRLEN. Supported Devices: CP2101, CP2102, CP2103, CP2104, CP2105, CP2108 Location: CP210x Manufacturing DLL Prototype: CP210x_STATUS CP210x_GetDeviceProductString( HANDLE Handle, LPVOID Product, LPBYTE Length, BOOL ConvertToASCII=TRUE ) Parameters: 1. Handle—Handle to the device to close as returned by CP210x_Open(). 2. Product—Pointer to a buffer returning the Product String value. 3. Length—Pointer to a BYTE value returning the length of the string in characters (not bytes), NOT including a NULL terminator. 4. ConvertToASCII—Boolean flag that tells the function whether the string needs to be converted to ASCII before it is returned to the caller. The flag is set to TRUE by default (i.e., the caller is expecting the string in ASCII format). Return Value: CP210x_STATUS = CP210x_SUCCESS, CP210x_INVALID_PARAMETER, CP210x_INVALID_HANDLE, CP210x_DEVICE_IO_FAILED 6.1.21. CP210xSetQuadPortConfig Description: Sets the current port pin configuration from the CP2108 device. Supported Devices: CP2108 Location: CP210x Manufacturing DLL |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |