Electronic Components Datasheet Search
  English  ▼

X  

CP2103 Datasheet(PDF) 36 Page - Silicon Laboratories

Part # CP2103
Description  DEVICE CUSTOMIZATION GUIDE
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2103 Datasheet(HTML) 36 Page - Silicon Laboratories

Back Button CP2103 Datasheet HTML 32Page - Silicon Laboratories CP2103 Datasheet HTML 33Page - Silicon Laboratories CP2103 Datasheet HTML 34Page - Silicon Laboratories CP2103 Datasheet HTML 35Page - Silicon Laboratories CP2103 Datasheet HTML 36Page - Silicon Laboratories CP2103 Datasheet HTML 37Page - Silicon Laboratories CP2103 Datasheet HTML 38Page - Silicon Laboratories CP2103 Datasheet HTML 39Page - Silicon Laboratories CP2103 Datasheet HTML 40Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
AN721
36
Rev. 1.2
6.1.26. CP210x_GetSelfPower
Description:
Returns the state of the Self-Powered bit of the Power Attributes field of the Configuration Descrip-
tor of a CP210x device.
Supported Devices:
CP2101, CP2102, CP2103, CP2104, CP2105, CP2108
Location:
CP210x Manufacturing DLL
Prototype:
CP210x_STATUS CP210x_GetSelfPower( HANDLE Handle, LPBOOL SelfPower )
Parameters:
1. Handle—Handle to the device to close as returned by CP210x_Open().
2. SelfPower—Pointer to a boolean flag where TRUE means the Self-Powered bit is set, and
FALSE means the Self-Powered bit is cleared.
Return Value: CP210x_STATUS = CP210x_SUCCESS,
CP210x_INVALID_PARAMETER,
CP210x_INVALID_HANDLE,
CP210x_DEVICE_IO_FAILED
6.1.27. CP210x_GetMaxPower
Description:
Returns the 1-byte Max Power field of the Configuration Descriptor of a CP210x device.
Supported Devices:
CP2101, CP2102, CP2103, CP2104, CP2105, CP2108
Location:
CP210x Manufacturing DLL
Prototype:
CP210x_STATUS CP210x_GetMaxPower( HANDLE Handle, LPBYTE MaxPower )
Parameters:
1. Handle—Handle to the device to close as returned by CP210x_Open().
2. MaxPower—Pointer to a 1-byte value returning the Maximum power consumption of the
CP210x USB device expressed in 2 mA units.
Return Value: CP210x_STATUS = CP210x_SUCCESS,
CP210x_INVALID_PARAMETER,
CP210x_INVALID_HANDLE,
CP210x_DEVICE_IO_FAILED
6.1.28. CP210x_GetMaxPower
Description:
Returns the 1-byte Max Power field of the Configuration Descriptor of a CP210x device.
Supported Devices:
CP2101, CP2102, CP2103, CP2104, CP2105, CP2108
Location:
CP210x Manufacturing DLL
Prototype:
CP210x_STATUS CP210x_GetMaxPower( HANDLE Handle, LPBYTE MaxPower )
Parameters:
1. Handle—Handle to the device to close as returned by CP210x_Open().
2. MaxPower—Pointer to a 1-byte value returning the Maximum power consumption of the
CP210x USB device expressed in 2 mA units.
Return Value: CP210x_STATUS = CP210x_SUCCESS,
CP210x_INVALID_PARAMETER,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com