Electronic Components Datasheet Search
  English  ▼

X  

SPFI005.L Datasheet(PDF) 3 Page - Littelfuse

Part # SPFI005.L
Description  SPFI SERIES IN-LINE SOLAR FUSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPFI005.L Datasheet(HTML) 3 Page - Littelfuse

  SPFI005.L Datasheet HTML 1Page - Littelfuse SPFI005.L Datasheet HTML 2Page - Littelfuse SPFI005.L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
littelfuse.com
© 2015 Littelfuse POWR-GARD® Products
Rev: 030915
POWR-GARD® Fuse Datasheet
3 of 3
1000
900
800
700
600
500
1000
900
800
700
600
500
- 2A
500
400
300
200
100
90
80
70
500
400
300
200
100
90
80
70
- 2.5A
- 3A
- 3.5A
- 4A
- 5A
- 6A
60
50
40
30
20
10
9
60
50
40
30
20
10
9
- 8A
- 10A
- 12A
9
8
7
6
5
4
3
2
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.02
0.01
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE: 1000V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
08/10/2012
C
2 OF 2
FCC01-SPFI000
SPFI 2A - 30A
- DATA GENERATED IN EXCEL -
1000
900
800
700
600
500
1000
900
800
700
600
500
500
400
300
200
100
90
80
70
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
60
50
40
30
20
10
9
- 15A
- 20A
- 25A
- 30A
9
8
7
6
5
4
3
2
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.02
0.01
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE: 1000V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
08/10/2012
C
2 OF 2
FCC01-SPFI000
SPFI 2A - 30A
- DATA GENERATED IN EXCEL -
Time Current Curve (2-12 A)
Time Current Curve (15-30 A)
Electrical Specification —
Agency Requirements
-60°C
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
100°C
120°C
140°C
-76°F
-40°F
-4°F
32°F
68°F
104°F
140°F
176°F
212°F
248°F
284°F
AMBIENT TEMPERATURE
60
40
20
0
0
20
40
60
Temperature Rerating Curve
(Temperature of Air Immediately Surrounding Fuse)
OPENING TIME (MINUTES)
100% of
Amp Rating
per UL
113% of
Amp Rating
per IEC
135% of
Amp Rating
per UL
145% of
Amp Rating
per IEC
200% of
Amp Rating
per UL
2-30 Temperature
Stabilization
60 Min
60 Max
60 Max
4 Max
SPFI SERIES IN-LINE SOLAR FUSE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com