Electronic Components Datasheet Search
  English  ▼

X  

SPFI005.L Datasheet(PDF) 1 Page - Littelfuse

Part # SPFI005.L
Description  SPFI SERIES IN-LINE SOLAR FUSE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPFI005.L Datasheet(HTML) 1 Page - Littelfuse

  SPFI005.L Datasheet HTML 1Page - Littelfuse SPFI005.L Datasheet HTML 2Page - Littelfuse SPFI005.L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
littelfuse.com
© 2015 Littelfuse POWR-GARD® Products
Rev: 030915
POWR-GARD® Fuse Datasheet
1 of 3
SPFI SERIES IN-LINE SOLAR FUSE
1000 Vdc • 2-30 A (Patent Pending)
Specifications
Voltage Rating
1000 Vdc
Amperage Rating
2, 2.5, 3, 3.5, 4, 5, 6,
8, 10, 12, 15, 20, 25, 30 A
Interrupting Rating
20 kA
Time Constant
≤ 1ms
Material
Body: Melamine
Caps: Copper Alloy (Nickel Plated)
Approvals
UL 2579 Recognized (File: E339112)
Environmental
RoHS Compliant
REACH
Country of Origin
Mexico
Part Numbering System
Web Resources
Downloadable CAD drawings and other technical
information: littelfuse.com/spfi
Recommended Crimping Tool
T&B Sta-Kon ERG4002 or equivalent
Weidmüller HTN 21 or equivalent
Description
The Littelfuse SPFI solar fuse is designed to integrate
into an in-line assembly within a wire harness. The
fuse provides photovoltaic (PV) protection that meets
UL 2579 for photovoltaic applications. The SPFI can be
electrically insulated by either overmolding or using
approved heat-shrink.
Features/Benefits
• UL 2579 Recognized
• Meets IEC 60269-6 electrical performance requirements
• 20,000 A Interrupting Rating
• No fuse holder required
Applications
• Photovoltaic wire harness
Dimensions mm (in)
SERIES
AMP
PACKAGE
QUANTITY
CATALOG
NUMBER
ORDERING
NUMBER
SPFI
2
10
SPFI002
SPFI002.T
SPFI
3.5
10
SPFI03.5
SPFI03.5T
SPFI
20
50
SPFI020
SPFI020.L
SPFI xxx T
Package Quantity
Series
Amp Code
T = 10
L = 50
Refer to Amp Code
Column in Ordering
Information Table
63.50
(2.50)
12.26
(0.483)
5.59
(0.22)
10.31
(0.406)
9.53
(0.375)
ø 3.56
(0.140)


Similar Part No. - SPFI005.L

ManufacturerPart #DatasheetDescription
logo
Positronic.
SPFIT04M POSITRONIC-SPFIT04M Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
SPFIT04MS POSITRONIC-SPFIT04MS Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
SPFIT04S POSITRONIC-SPFIT04S Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
SPFIT04SS POSITRONIC-SPFIT04SS Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
More results

Similar Description - SPFI005.L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R332A-GR ETC2-441-R332A-GR Datasheet
195Kb / 2P
In-Line Fuse Holder
441-R332B-GR ETC2-441-R332B-GR Datasheet
208Kb / 2P
In-Line Fuse Holder
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
441-R364-GR ETC2-441-R364-GR Datasheet
182Kb / 2P
In-Line Fuse Holder
logo
Littelfuse
SPXV006.T LITTELFUSE-SPXV006.T Datasheet
317Kb / 3P
SPXV SERIES SOLAR FUSE
logo
Eaton All Rights Reserv...
HHB EATON-HHB Datasheet
199Kb / 1P
In-line fuse holder
HHK EATON-HHK Datasheet
135Kb / 1P
in-line fuse holder
HHN EATON-HHN Datasheet
202Kb / 1P
in-line fuse holder
logo
Littelfuse
SPNH200.X LITTELFUSE-SPNH200.X Datasheet
815Kb / 11P
POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
Rev: 2-B-083021
LFJ1000 LITTELFUSE-LFJ1000 Datasheet
483Kb / 4P
LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com