Electronic Components Datasheet Search
  English  ▼

X  

BC848C Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BC848C
Description  NPN Silicon AF Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC848C Datasheet(HTML) 1 Page - Infineon Technologies AG

  BC848C Datasheet HTML 1Page - Infineon Technologies AG BC848C Datasheet HTML 2Page - Infineon Technologies AG BC848C Datasheet HTML 3Page - Infineon Technologies AG BC848C Datasheet HTML 4Page - Infineon Technologies AG BC848C Datasheet HTML 5Page - Infineon Technologies AG BC848C Datasheet HTML 6Page - Infineon Technologies AG BC848C Datasheet HTML 7Page - Infineon Technologies AG BC848C Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BC846...BC850
1
Nov-20-2002
NPN Silicon AF Transistors
 For AF input stages and driver applications
 High current gain
 Low collector-emitter saturation voltage
 Low noise between 30 Hz and 15 kHz
 Complementary types: BC856, BC857, BC858
BC859, BC860 (PNP)
1
2
3
VPS05161
Type
Marking
Pin Configuration
Package
BC846A
BC846B
BC847A
BC847B
BC847C
BC848A
BC848B
BC848C
BC849B
BC849C
BC850B
BC850C
1As
1Bs
1Es
1Fs
1Gs
1Js
1Ks
1Ls
2Bs
2Cs
2Fs
2Gs
1 = B
B = 1
B = 1
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
1 = B
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
2 = E
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
3 = C
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23
SOT23


Similar Part No. - BC848C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BC848C TRSYS-BC848C Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zowie Technology Corpor...
BC848C ZOWIE-BC848C Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BC848C SIEMENS-BC848C Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Diodes Incorporated
BC848C DIODES-BC848C Datasheet
60Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 14 - 2
logo
Micro Commercial Compon...
BC848C MCC-BC848C Datasheet
105Kb / 2P
NPN Small Signal Transistor 310mW
More results

Similar Description - BC848C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
BC846W INFINEON-BC846W Datasheet
229Kb / 8P
NPN Silicon AF Transistors
Dec-11-2001
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
NPN Silicon AF Transistors
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
NPN Silicon AF Transistors
2008-10-10
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
NPN Silicon AF Transistors
2011-10-13
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
NPN Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com