Electronic Components Datasheet Search
  English  ▼

X  

BC848C Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BC848C
Description  NPN Silicon AF Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC848C Datasheet(HTML) 2 Page - Infineon Technologies AG

  BC848C Datasheet HTML 1Page - Infineon Technologies AG BC848C Datasheet HTML 2Page - Infineon Technologies AG BC848C Datasheet HTML 3Page - Infineon Technologies AG BC848C Datasheet HTML 4Page - Infineon Technologies AG BC848C Datasheet HTML 5Page - Infineon Technologies AG BC848C Datasheet HTML 6Page - Infineon Technologies AG BC848C Datasheet HTML 7Page - Infineon Technologies AG BC848C Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BC846...BC850
2
Nov-20-2002
Maximum Ratings
Parameter
Symbol
BC846
BC847
BC850
BC848
BC849
Unit
Collector-emitter voltage
VCEO
65
45
30
V
Collector-base voltage
VCBO
80
50
30
Collector-emitter voltage
VCES
80
50
30
Emitter-base voltage
VEBO
6
6
5
DC collector current
IC
100
mA
Peak collector current
ICM
200
mA
Peak base current
IBM
200
Peak emitter current
200
IEM
Total power dissipation
, TS = 71 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
240
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BC846
BC847/850
BC848/849
V(BR)CEO
65
45
30
-
-
-
-
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
BC846
BC847/850
BC848/849
V(BR)CBO
80
50
30
-
-
-
-
-
-
1For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com