Electronic Components Datasheet Search
  English  ▼

X  

AZV358 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AZV358
Description  DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV358 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AZV358 Datasheet HTML 7Page - Diodes Incorporated AZV358 Datasheet HTML 8Page - Diodes Incorporated AZV358 Datasheet HTML 9Page - Diodes Incorporated AZV358 Datasheet HTML 10Page - Diodes Incorporated AZV358 Datasheet HTML 11Page - Diodes Incorporated AZV358 Datasheet HTML 12Page - Diodes Incorporated AZV358 Datasheet HTML 13Page - Diodes Incorporated AZV358 Datasheet HTML 14Page - Diodes Incorporated AZV358 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AZV358
Document number: DS36536 Rev. 1 - 4
11 of 15
www.diodes.com
September 2013
© Diodes Incorporated
AZV358
A Product Line of
Diodes Incorporated
Package Outline Dimensions (Cont.) (All dimensions in mm(inch).)
MSOP-8
0.650(0.026)TYP
0.300(0.012)TYP
0.800(0.031)
1.200(0.047)
3.100(0.122)
2.900(0.114)
0°
8°
0.150(0.006)T
YP
0.750(0.030)
0.970(0.038)
`
Note: Eject hole, oriented hole and mold mark is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com