Electronic Components Datasheet Search
  English  ▼

X  

AZV358 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AZV358
Description  DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV358 Datasheet(HTML) 2 Page - Diodes Incorporated

  AZV358 Datasheet HTML 1Page - Diodes Incorporated AZV358 Datasheet HTML 2Page - Diodes Incorporated AZV358 Datasheet HTML 3Page - Diodes Incorporated AZV358 Datasheet HTML 4Page - Diodes Incorporated AZV358 Datasheet HTML 5Page - Diodes Incorporated AZV358 Datasheet HTML 6Page - Diodes Incorporated AZV358 Datasheet HTML 7Page - Diodes Incorporated AZV358 Datasheet HTML 8Page - Diodes Incorporated AZV358 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AZV358
Document number: DS36536 Rev. 1 - 4
2 of 15
www.diodes.com
September 2013
© Diodes Incorporated
AZV358
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (@TA=25°C, unless otherwise specified. Note 1)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
6
V
TJ
Operation Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to 150
°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260
°C
—
ESD (Machine Model)
200
V
—
ESD (Human Body Model)
2000
V
Note 1:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
2.7
5.5
V
TA
Ambient Operating Temperature Range
-40
85
°C
2.7V Electrical Characteristics (@TA=25°C, bold typeface applies over TA=-40°C to 85°C, VCC=2.7V, VEE=0V, VCM=1.0V,
VO=VCC/2 and RL>1MΩ, unless otherwise specified. Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIO
Input Offset Voltage
—
—
1.7
7
mV
—
—
—
9
IB
Input Bias Current
—
—
11
250
nA
—
—
—
500
IIO
Input Offset Current
—
—
5
50
nA
—
—
—
150
VCM
Input Common Mode Voltage
Range
for CMRR≥50dB
-0.1
—
1.9
V
ICC
Supply Current
VO=VCC/2, AVCL=1, No
load
—
140
340
μA
—
—
420
CMRR
Common Mode Rejection
Ratio
0≤VCM≤1.7V
50
63
—
dB
PSRR
Power Supply Rejection Ratio
2.7V≤VCC≤5V, VO=1V
50
60
—
dB
ISOURCE
Output Short Circuit Current
VO=0V
5
20
—
mA
ISINK
VO=2.7V
10
30
—
mA
VOH
Output Voltage Swing
RL=10kΩ to 1.35V
2.60
2.69
—
V
VOL
—
60
180
mV
GBWP
Gain Bandwidth Product
CL=200pF
—
1
—
MHz
ɸM
Phase Margin
—
—
60
—
deg
GM
Gain Margin
—
—
10
—
dB
Note 2:
Limits over the full temperature are guaranteed by design, but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com