Electronic Components Datasheet Search
  English  ▼

X  

PAM8124RHR Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PAM8124RHR
Description  HIGH POWER AUDIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8124RHR Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PAM8124RHR Datasheet HTML 2Page - Diodes Incorporated PAM8124RHR Datasheet HTML 3Page - Diodes Incorporated PAM8124RHR Datasheet HTML 4Page - Diodes Incorporated PAM8124RHR Datasheet HTML 5Page - Diodes Incorporated PAM8124RHR Datasheet HTML 6Page - Diodes Incorporated PAM8124RHR Datasheet HTML 7Page - Diodes Incorporated PAM8124RHR Datasheet HTML 8Page - Diodes Incorporated PAM8124RHR Datasheet HTML 9Page - Diodes Incorporated PAM8124RHR Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PAM8124
Document number: DS36627 Rev. 1 - 2
6 of 15
www.diodes.com
October 2013
© Diodes Incorporated
PAM8124
A Product Line of
Diodes Incorporated
Performance Characteristics (@TA = +25°C, VCC = 24V, f = 1kHz, Gain = 20dB unless otherwise specified.)
Frequency Response (RL = 8Ω, SE)
Frequency Response (RL = 8Ω, BTL)
Efficiency vs. Output Power (RL = 4Ω)
Efficiency vs. Output Power (RL = 8Ω)
Quiescent Current vs. Supply Voltage
OSC Frequency vs. Supply Voltage
+10
+24
+11
+12
+13
+14
+15
+16
+17
+18
+19
+20
+21
+22
+23
d
B
g
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
LFILT = 33µH
CFILT = 0.22µF
CDC = 470µF
+10
+24
+11
+12
+13
+14
+15
+16
+17
+18
+19
+20
+21
+22
+23
d
B
g
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com