Electronic Components Datasheet Search
  English  ▼

X  

PAM8124RHR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8124RHR
Description  HIGH POWER AUDIO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8124RHR Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8124RHR Datasheet HTML 1Page - Diodes Incorporated PAM8124RHR Datasheet HTML 2Page - Diodes Incorporated PAM8124RHR Datasheet HTML 3Page - Diodes Incorporated PAM8124RHR Datasheet HTML 4Page - Diodes Incorporated PAM8124RHR Datasheet HTML 5Page - Diodes Incorporated PAM8124RHR Datasheet HTML 6Page - Diodes Incorporated PAM8124RHR Datasheet HTML 7Page - Diodes Incorporated PAM8124RHR Datasheet HTML 8Page - Diodes Incorporated PAM8124RHR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PAM8124
Document number: DS36627 Rev. 1 - 2
1 of 15
www.diodes.com
October 2013
© Diodes Incorporated
PAM8124
A Product Line of
Diodes Incorporated
HIGH POWER AUDIO
Description
The PAM8124 is a 15W efficient, Class-D audio power amplifier for
driving stereo speakers in a single-ended configuration; or a mono
speaker in a bridge-tied-load configuration. The PAM8124 can drive
stereo speakers (SE) as low as 4Ω. Due to the low power dissipation
and high efficiency, up to 95%, the device can be used without any
external heat sink when playing music.
The gain of the amplifier is controlled by 2 gain selectable pins,
offering 20dB, 26dB, 32dB, and 36dB gain selections.
The PAM8124 is available in a TSSOP-24-EP package.
Features
•
30W/Ch into 8Ω BTL Load from 22V Supply
•
15W/Ch into 4Ω SE Load from 22V Supply
•
10W/Ch into 8Ω SE Load from 24V Supply
•
Operate from 10V to 26V
•
Single-Ended Analog Inputs
•
Supports Multiple Output Configurations:
2-Ch Single-Ended (SE, Half-Bridge)
1-Ch Bridge-Tied Load (BTL, Full-Bridge)
•
Four Selectable Fixed-gain Settings
•
No Pop Noise for Start-up and Shut-down Sequences
•
Internal Oscillator (No External Components Required)
•
High Efficient Class-D Operation Eliminates Need for Heat Sinks
•
Thermal and Short-Circuit Protection with Auto Recovery
•
Space-Saving Surface-Mount TSSOP-24EP Package
•
Pb-Free Package
Pin Assignments
TSSOP-24-EP
PVCCL
SDN
PVCCL
MUTE
LIN
VCM
AGND
AGND
PVCCR
VCLAMP
PVCCR
PGNDR
PGNDR
ROUT
BSR
GAIN1
GAIN0
AVCC
BSL
LOUT
PGNDL
PGNDL
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18
19
20
21
22
23
24
RIN
SE_BTL
Applications
•
Televisions
•
Home Sound Systems
•
Active Speakers
Typical Applications Circuit
PVCCL
1
SDN
2
PVCCL
3
MUTE
4
LIN
5
RIN
6
VCM
7
AGND
8
AGND
9
PVCCR
10
VCLAMP
11
PVCCR
12
PGNDR
13
PGNDR
14
ROUT
15
BSR
16
GAIN1
17
GAIN0
18
SE_BTL
19
AVCC
20
BSL
21
LOUT
22
PGNDL
23
PGNDL
24
U1
SD
Mute
C1
1uF
C3
1uF
C5
220nF
L1
33uH
G0
C2
1uF
G1
R1
4.7K
C7
470uF
L_out1
8ohm
C6
220nF
L2
33uH
C4
1uF
R2
4.7K
C8
470uF
R_out1
8ohm
L_in
R_in
10V_to_26V
10V_to_26V
SE_BTL
10V_to_26V


Similar Part No. - PAM8124RHR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8100 DIODES-PAM8100 Datasheet
327Kb / 7P
3-VRMS Line Driver with Adjustable Gain
Rev 1
logo
List of Unclassifed Man...
PAM8101 ETC1-PAM8101 Datasheet
100Kb / 4P
Tiny 1.2 Watt Class-D Audio Amplifiers
logo
Diodes Incorporated
PAM8106 DIODES-PAM8106 Datasheet
618Kb / 13P
10W Stereo Class-D Audio Power Amplifier
Rev 1
PAM8106TVR DIODES-PAM8106TVR Datasheet
618Kb / 13P
10W Stereo Class-D Audio Power Amplifier
Rev 1
More results

Similar Description - PAM8124RHR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
logo
NTE Electronics
NTE180 NTE-NTE180 Datasheet
23Kb / 2P
Silicon Power Transistor High Power Audio Amplifier
logo
Panasonic Semiconductor
AN7161NFP PANASONIC-AN7161NFP Datasheet
225Kb / 4P
BTL High Audio Power Amplifier
logo
National Semiconductor ...
LM4804 NSC-LM4804 Datasheet
820Kb / 16P
Low Voltage High Power Audio Power Amplifier
logo
New Japan Radio
NJM2770 NJRC-NJM2770 Datasheet
44Kb / 4P
HIGH-POWER & LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4805_0508 NSC-LM4805_0508 Datasheet
1Mb / 19P
Low Voltage High Power Audio Power Amplifier
logo
Texas Instruments
LM4808MX TI1-LM4808MX Datasheet
1Mb / 24P
Low Voltage High Power Audio Power Amplifier
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
LM4804 TI1-LM4804 Datasheet
1Mb / 22P
Audio Power Amplifier SerieLow Voltage High Power Audio Power Amplifier
LM4954 TI1-LM4954 Datasheet
1Mb / 23P
Audio Power Amplifier Series High Voltage 3 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com