Electronic Components Datasheet Search
  English  ▼

X  

PAM8303C Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8303C
Description  ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8303C Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8303C Datasheet HTML 1Page - Diodes Incorporated PAM8303C Datasheet HTML 2Page - Diodes Incorporated PAM8303C Datasheet HTML 3Page - Diodes Incorporated PAM8303C Datasheet HTML 4Page - Diodes Incorporated PAM8303C Datasheet HTML 5Page - Diodes Incorporated PAM8303C Datasheet HTML 6Page - Diodes Incorporated PAM8303C Datasheet HTML 7Page - Diodes Incorporated PAM8303C Datasheet HTML 8Page - Diodes Incorporated PAM8303C Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PAM8303C
Document number: DSxxxxx Rev. 1 - 2
1 of 17
www.diodes.com
June 2013
© Diodes Incorporated
PAM8303C
A Product Line of
Diodes Incorporated
ULTRA LOW EMI, 3W FILTERLESS
MONO CLASS-D AUDIO POWER AMPLIFIER
Description
The PAM8303C is a 3W mono filterless Class-D amplifier with high
PSRR and differential input that eliminate noise and RF rectification.
Features like 90% efficiency and small PCB area make the
PAM8303C Class-D amplifier ideal for cellular handsets. The filterless
architecture
requires
no
external
output
filter,
fewer
external
components, less PCB area and lower system costs, and simplifies
application design.
The PAM8303C features short circuit protection and thermal
shutdown.
The PAM8303C is available in 9-ball WCSP, MSOP-8 and DFN 3x3
8-pin packages.
Features
Ultra Low EMI, -20dB Better Than FCC Class-B @ 300MHz
High Efficiency up to 90% @1W with an 8
Ω Speaker
Shutdown Current <1µA
3W@10% THD Output with a 4
Ω Load at 5V Supply
Demanding Few External Components
Superior Low Noise without Input
Supply Voltage from 2.8V to 5.5V
Short Circuit Protection
Thermal Shutdown
Available in Space Saving Packages: 1.45mmx1.45mm
WCSP9, MSOP-8, DFN3x3-8
Pb-Free Package
Applications
Cellular Phones/Smart Phones
MP4/MP3
GPS
Digital Photo Frame
Electronic Dictionary
Portable Game Machines
Pin Assignments


Similar Part No. - PAM8303C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
PAM8303CBSC DIODES-PAM8303CBSC Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
PAM8303CBYC DIODES-PAM8303CBYC Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
PAM8303C DIODES-PAM8303C_18 Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
More results

Similar Description - PAM8303C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Power Analog Micoelectr...
PAM8303D PAM-PAM8303D Datasheet
277Kb / 17P
Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C_18 Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Shenzhenshi YONGFUKANG ...
CS8121S YONGFUKANG-CS8121S Datasheet
302Kb / 9P
4.0W Mono, Ultra Low EMI, Filterless Class D Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
logo
List of Unclassifed Man...
NS4148 ETC1-NS4148 Datasheet
1Mb / 16P
Low EMI,Filterless,3W Mono Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com