Electronic Components Datasheet Search
  English  ▼

X  

PAM8303C Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PAM8303C
Description  ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8303C Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PAM8303C Datasheet HTML 8Page - Diodes Incorporated PAM8303C Datasheet HTML 9Page - Diodes Incorporated PAM8303C Datasheet HTML 10Page - Diodes Incorporated PAM8303C Datasheet HTML 11Page - Diodes Incorporated PAM8303C Datasheet HTML 12Page - Diodes Incorporated PAM8303C Datasheet HTML 13Page - Diodes Incorporated PAM8303C Datasheet HTML 14Page - Diodes Incorporated PAM8303C Datasheet HTML 15Page - Diodes Incorporated PAM8303C Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PAM8303C
Document number: DSxxxxx Rev. 1 - 2
12 of 17
www.diodes.com
June 2013
© Diodes Incorporated
PAM8303C
A Product Line of
Diodes Incorporated
Application Information (cont.)
PCB Layout Guidelines
Grounding
It is recommended to use plain grounding or separate grounds. Do not use one line connecting power GND and analog GND. Noise currents in
the output power stage need to be returned to output noise ground and nowhere else. When these currents circulate elsewhere, they may get
into the power supply, or the signal ground, etc, even worse, they may form a loop and radiate noise. Any of these instances results in degraded
amplifier performance. The output noise ground that the logical returns for the output noise currents associated with Class-D switching must tie
to system ground at the power exclusively. Signal currents for the inputs, reference need to be returned to quite ground. This ground only ties to
the signal components and the GND pin. GND then ties to system ground.
Power Supply Line
As same to the ground, VDD and PVDD need to be separately connected to the system power supply. It is recommended that all the trace could
be routed as short and thick as possible. For the power line layout, just imagine water stream, any barricade placed in the trace (shown in Figure
2) could result in the bad performance of the amplifier.
Figure 2. Power Line
Components Placement
Decoupling capacitors-As previously described, the high-frequency 1µF decoupling capacitors should be placed as close to the power supply
terminals (VDD and PVDD) as possible. Large bulk power supply decoupling capacitors (10µF or greater) should be placed near the PAM8303C
on the PVDD terminal.
Input resistors and capacitors need to be placed very close to input pins.
Output filter - The ferrite EMI filter should be placed as close to the output terminals as possible for the best EMI performance, and the capacitors
used in the filters should be grounded to system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com