Electronic Components Datasheet Search
  English  ▼

X  

PAM8320 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8320
Description  20W Mono Class D Audio Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8320 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8320 Datasheet HTML 1Page - Diodes Incorporated PAM8320 Datasheet HTML 2Page - Diodes Incorporated PAM8320 Datasheet HTML 3Page - Diodes Incorporated PAM8320 Datasheet HTML 4Page - Diodes Incorporated PAM8320 Datasheet HTML 5Page - Diodes Incorporated PAM8320 Datasheet HTML 6Page - Diodes Incorporated PAM8320 Datasheet HTML 7Page - Diodes Incorporated PAM8320 Datasheet HTML 8Page - Diodes Incorporated PAM8320 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PAM8320
Document number: DS36610 Rev. 1 - 2
1 of 11
www.diodes.com
October 2013
© Diodes Incorporated
PAM8320
A PRODUCT LINE OF
DIODES INCORPORATED
20W Mono Class D Audio Amplifier
Description
The PAM8320 is an efficient 20W mono Class-D audio power
amplifier, designed to drive speakers as low as 4Ω in a bridge-tied-
load configuration. Due to the low power dissipation and high
efficiency of up to 95%, the device can be used without any external
heat sink whilst playing music.
The PAM8320 features short circuit protection, thermal shutdown,
over voltage protection and under voltage lock-out.
The PAM8320 is available in a SO-16EP package.
Features
Operates from 4.5V to 15V
20W into 4Ω BTL Load from 12V Supply
Single-Ended Analog Input
No Pop Noise for Start-up and Shut-down Sequences
Internal Oscillator (No External Components Required)
High Efficient Class-D Operation Eliminates Need for Heat Sinks
Thermal and Short-Circuit Protection with Auto Recovery
Over Voltage Protection and Under Voltage Lock-out
Space-Saving Surface-Mount SO-16EP Package
Pb-Free Package
Pin Assignments
SO-16EP
PVCCN
SDN
MUTE
VCM
AGND
AGND
VCLAMP
PVCCP
PGNDP
OUTP
BSP
AVCC
BSN
OUTN
PGNDN
9
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
IN
Applications
PC Speaker
Blue Tooth Speaker
Home Sound Systems
Active Speakers
Docking stations
Typical Applications Circuit


Similar Part No. - PAM8320

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
logo
Power Analog Micoelectr...
PAM8301AAF PAM-PAM8301AAF Datasheet
223Kb / 11P
Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301AAF DIODES-PAM8301AAF Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
logo
List of Unclassifed Man...
PAM8302 ETC1-PAM8302 Datasheet
188Kb / 8P
Tiny Package 2 Watt Class-D Audio Amplifiers With Enable
More results

Similar Description - PAM8320

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
20W Class D Mono Single Ended Audio Amplifer
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
Filterless Class-D Mono Audio Amplifier
logo
Monolithic Power System...
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
20W Class D Mono Single Ended Audio Amplifier
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
Class-D Mono Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 2
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
20W Stereo Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com