Electronic Components Datasheet Search
  English  ▼

X  

PAM8320 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8320
Description  20W Mono Class D Audio Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8320 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8320 Datasheet HTML 1Page - Diodes Incorporated PAM8320 Datasheet HTML 2Page - Diodes Incorporated PAM8320 Datasheet HTML 3Page - Diodes Incorporated PAM8320 Datasheet HTML 4Page - Diodes Incorporated PAM8320 Datasheet HTML 5Page - Diodes Incorporated PAM8320 Datasheet HTML 6Page - Diodes Incorporated PAM8320 Datasheet HTML 7Page - Diodes Incorporated PAM8320 Datasheet HTML 8Page - Diodes Incorporated PAM8320 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PAM8320
Document number: DS36610 Rev. 1 - 2
3 of 11
www.diodes.com
October 2013
© Diodes Incorporated
PAM8320
A PRODUCT LINE OF
DIODES INCORPORATED
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage (VCC)
18
V
Logic Input Voltage (SDN, MUTE)
-0.3 to VCC+0.3
V
Analog Input Voltage (IN)
-0.3 to 5.5
V
Storage Temperature
-65 to +150
°C
Maximum Junction Temperature
+150
°C
Junction to ambient thermal resistance
40
°C/W
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.5
15
V
TA
Operating Ambient Temperature Range
-40
+85
°C
TJ
Junction Temperature Range
-40
+125
°C
Electrical Characteristics (@TA = +25°C, VCC = 12V, Gain = 20dB, RL = L(33μH) + R + L(33μH), unless otherwise noted.)
Symbol
PARAMETER
Test Conditions
MIN
TYP
MAX
Units
|VOS|
Class-D output offset voltage(measured
differently)
Vi=0V, Av=20dB
20
100
mV
ICC(q)
Quiescent supply current
SDN=3.0V, MUTE=0V, No Load
15
30
mA
ICC(MUTE)
Quiescent supply current in mute mode
MUTE=2.0V, No load
8
20
mA
ICC(SDN)
Quiescent current in shutdown mode
SDN=0.5V, No load
20
40
uA
Rds(on)
Drain-source on-state resistance
IO=0.5A
150
mΩ
PSRR
Power Supply Rejection Ratio
Vripple=200mVpp, f=1kHz,gain=20dB
-60
dB
Po
Output Power at 1% THD+N
f=1kHz
15
W
Output Power at 10% THD+N
f=1kHz
20
THD+N
Total harmonic distortion + noise
f=1kHz, PO=7W
0.05
%
Vn
Output integrated noise floor
20Hz to 22kHz, A-weighted,
Gain=20dB
300
uV
SNR
Signal-to-noise ratio
Max output at THD+N<1%, f=1kHz,
Gain=20dB
95
dB
OTP
Thermal trip point
+160
°C
OTH
Thermal hysteresis
+40
°C
fosc
Oscillator frequency
300
kHz
VIH_SDN
SDN Input High
3
VIL_SDN
SDN Input Low
0.5
VIH_MUTE
MUTE Input High
2
VIL_MUTE
MUTE Input Low
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com