Electronic Components Datasheet Search
  English  ▼

X  

PAM8902H Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PAM8902H
Description  30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8902H Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PAM8902H Datasheet HTML 3Page - Diodes Incorporated PAM8902H Datasheet HTML 4Page - Diodes Incorporated PAM8902H Datasheet HTML 5Page - Diodes Incorporated PAM8902H Datasheet HTML 6Page - Diodes Incorporated PAM8902H Datasheet HTML 7Page - Diodes Incorporated PAM8902H Datasheet HTML 8Page - Diodes Incorporated PAM8902H Datasheet HTML 9Page - Diodes Incorporated PAM8902H Datasheet HTML 10Page - Diodes Incorporated PAM8902H Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PAM8902H
Document number: DSxxxxx Rev. 1 - 0
7 of 12
www.diodes.com
December 2012
© Diodes Incorporated
PAM8902H
A Product Line of
Diodes Incorporated
Application Information
Select Boost Convertor Output Voltage
Customer can use VSET pin to set boost converor output voltage between 8V, 12V and 17.5V. VSET pin configuration table as below:
VSET Pin
Configuration
Min
Max
PVCC Voltage
Audio Amplifier Maximum
Output Voltage
Connect to AVDD
AVDD – 0.5V
AVDD
17.5V
11VRMS (VPP = 31.1V)
Floating
1V
AVDD – 1V
12V
5VRMS (VPP = 22.6V)
Connect to GND
GND
0.5V
8V
5VRMS (VPP = 14.1V)
Input Resistance (RI)
The input resistors (RI = RIN + REX) set the gain of the amplifier according to Equation 1 when anti-saturation is inactive.
G = 20 Log [12.8*RF/(RIN+REX)] (dB)
GSET
RIN
RF
GSET = VDD
36.5k
Ω
122.6k
Ω
GSET = Floating
59k
Ω
100k
Ω
GSET = GND
82k
Ω
77.4k
Ω
Where RIN is a 77.4KΩ internal resistor, REX is the external input resistor, RF is a 122.6KΩ internal resistor. Resistor matching is very important
in fully differential amplifiers. The balance of the output on the reference voltage depends on matched ratios of the resistors. CMRR, PSRR, and
cancellation of the second harmonic distortion diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors
or better to keep the performance optimized. Matching is more important than overall tolerance. Resistor arrays with 1% matching can be used
with a tolerance greater than 1%.
Place the input resistors very close to the PAM8902H to limit noise injection on the high-impedance nodes. For optimal performance the gain
should be set to lower. Lower gain allows the PAM8902H to operate at its best, and keeps a high voltage at the input making the inputs less
susceptible to noise. In addition to these features, higher value of RI minimizes pop noise.
Input Capacitors (CI)
In the typical application, an input capacitor, CI, is required to allow the amplifier to bias the input signal to the proper DC level for optimum
operation. In this case, CI and the minimum input impedance RI form is a high-pass filter with the corner frequency determined in the follow
equation:
C
R
2
1
f
I
I
C
π
=
It is important to consider the value of CI as it directl y affects the low frequency performance of the circuit. For example, when RI is 150kΩ and
the specification calls for a flat bass response are down to 150Hz. Equation is reconfigured as followed:
IFC
I
R
2
1
C
π
=
When input resistance variation is considered, the CI is 7nF, so one would likely choose a value of 10nF. A further consideration for this
capacitor is the leakage path from the input source through the input network (CI, RI + RF) to the load. This leakage current creates a DC offset
voltage at the input to the amplifier that reduces useful headroom, especially in high gain applications. For this reason, a low-leakage tantalum or
ceramic capacitor is the best choice. When polarized capacitors are used, the positive side of the capacitor should face the amplifier input in
most applications as the DC level is held at VDD/2, which is likely higher than the source DC level. Please note that it is important to confirm the
capacitor polarity in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com