Electronic Components Datasheet Search
  English  ▼

X  

PAM8902H Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8902H
Description  30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8902H Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8902H Datasheet HTML 1Page - Diodes Incorporated PAM8902H Datasheet HTML 2Page - Diodes Incorporated PAM8902H Datasheet HTML 3Page - Diodes Incorporated PAM8902H Datasheet HTML 4Page - Diodes Incorporated PAM8902H Datasheet HTML 5Page - Diodes Incorporated PAM8902H Datasheet HTML 6Page - Diodes Incorporated PAM8902H Datasheet HTML 7Page - Diodes Incorporated PAM8902H Datasheet HTML 8Page - Diodes Incorporated PAM8902H Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PAM8902H
Document number: DSxxxxx Rev. 1 - 0
3 of 12
www.diodes.com
December 2012
© Diodes Incorporated
PAM8902H
A Product Line of
Diodes Incorporated
Functional Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may affect device reliability.
All voltages are with respect to ground.
Parameter
Rating
Unit
Supply Voltage
6.0
V
Input Voltage
-0.3 to VDD +0.3
Storage Temperature
-65 to 150
°C
Maximum Junction Temperature
150
Soldering Temperature
250, 10sec
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage Range
2.5 to 5.5
V
Ambiient Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com