Electronic Components Datasheet Search
  English  ▼

X  

LMK04828 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828
Description  Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04828 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMK04828 Datasheet HTML 17Page - Texas Instruments LMK04828 Datasheet HTML 18Page - Texas Instruments LMK04828 Datasheet HTML 19Page - Texas Instruments LMK04828 Datasheet HTML 20Page - Texas Instruments LMK04828 Datasheet HTML 21Page - Texas Instruments LMK04828 Datasheet HTML 22Page - Texas Instruments LMK04828 Datasheet HTML 23Page - Texas Instruments LMK04828 Datasheet HTML 24Page - Texas Instruments LMK04828 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
LMK04821, LMK04826, LMK04828
www.ti.com
SNAS605AR – MARCH 2013 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
(3.15 V < VCC < 3.45 V, –40 °C < TA < 85 °C and TPCB ≤ 105 °C. Typical values at VCC = 3.3 V, TA = 25 °C, at the
Recommended Operating Conditions and are not assured.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVCMOS CLOCK OUTPUTS (OSCout)
Maximum Frequency
fCLKout
5 pF Load
250
MHz
(21)
VCC -
VOH
Output High Voltage
1 mA Load
V
0.1
VOL
Output Low Voltage
1 mA Load
0.1
V
IOH
Output High Current (Source)
VCC = 3.3 V, VO = 1.65 V
28
mA
IOL
Output Low Current (Sink)
VCC = 3.3 V, VO = 1.65 V
28
mA
VCC/2 to VCC/2,
DUTYCLK
Output Duty Cycle(22)
50%
FCLK = 100 MHz, T = 25 °C
TR
Output Rise Time
20% to 80%, RL = 50 Ω, CL = 5 pF
400
ps
TF
Output Fall Time
80% to 20%, RL = 50 Ω, CL = 5 pF
400
ps
DIGITAL OUTPUTS (CLKin_SELX, Status_LDX, and RESET/GPO)
IOH = –500 µA
CLKin_SELX_TYPE = 3 or 4
VCC -
VOH
High-Level Output Voltage
V
Status_LDX_TYPE = 3 or 4
0.4
RESET_TYPE = 3 or 4
IOL = 500 µA
CLKin_SELX_TYPE = 3, 4, or 6
VOL
Low-Level Output Voltage
0.4
V
Status_LDX_TYPE = 3, 4, or 6
RESET_TYPE = 3, 4, or 6
DIGITAL OUTPUT (SDIO)
IOH = –500 µA ; During SPI read.
VCC -
VOH
High-Level Output Voltage
V
SDIO_RDBK_TYPE = 0
0.4
IOL = 500 µA ; During SPI read.
VOL
Low-Level Output Voltage
0.4
V
SDIO_RDBK_TYPE = 0 or 1
DIGITAL INPUTS (CLKinX_SEL, RESET/GPO, SYNC, SCK, SDIO, or CS*)
VIH
High-Level Input Voltage
1.2
VCC
V
VIL
Low-Level Input Voltage
0.4
V
DIGITAL INPUTS (CLKinX_SEL)
CLKin_SELX_TYPE = 0,
–5
5
(High Impedance)
High-Level Input Current
IIH
µA
VIH = VCC
CLKin_SELX_TYPE = 1 (Pull-up)
–5
5
CLKin_SELX_TYPE = 2 (Pull-down)
10
80
CLKin_SELX_TYPE = 0,
–5
5
(High Impedance)
Low-Level Input Current
IIL
µA
VIL = 0 V
CLKin_SELX_TYPE = 1 (Pull-up)
–40
–5
CLKin_SELX_TYPE = 2 (Pull-down)
–5
5
DIGITAL INPUT (RESET/GPO)
High-Level Input Current
RESET_TYPE = 2
IIH
10
80
µA
VIH = VCC
(Pull-down)
RESET_TYPE = 0 (High Impedance)
–5
5
Low-Level Input Current
IIL
RESET_TYPE = 1 (Pull-up)
–40
–5
µA
VIL = 0 V
RESET_TYPE = 2 (Pull-down)
–5
5
DIGITAL INPUTS (SYNC)
IIH
High-Level Input Current
VIH = VCC
25
µA
IIL
Low-Level Input Current
VIL = 0 V
–5
5
DIGITAL INPUTS (SCK, SDIO, CS*)
(21) Assured by characterization. ATE tested to 10 MHz.
(22) Assumes OSCin has 50% input duty cycle.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMK04821 LMK04826 LMK04828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com