Electronic Components Datasheet Search
  English  ▼

X  

LMK04828 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMK04828
Description  Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK04828 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMK04828 Datasheet HTML 9Page - Texas Instruments LMK04828 Datasheet HTML 10Page - Texas Instruments LMK04828 Datasheet HTML 11Page - Texas Instruments LMK04828 Datasheet HTML 12Page - Texas Instruments LMK04828 Datasheet HTML 13Page - Texas Instruments LMK04828 Datasheet HTML 14Page - Texas Instruments LMK04828 Datasheet HTML 15Page - Texas Instruments LMK04828 Datasheet HTML 16Page - Texas Instruments LMK04828 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
LMK04821, LMK04826, LMK04828
www.ti.com
SNAS605AR – MARCH 2013 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
(3.15 V < VCC < 3.45 V, –40 °C < TA < 85 °C and TPCB ≤ 105 °C. Typical values at VCC = 3.3 V, TA = 25 °C, at the
Recommended Operating Conditions and are not assured.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VCO SPECIFICATIONS
VCO0
1930
2075
LMK04821 VCO Tuning Range
MHz
VCO1(11)
2920
3080
VCO0
1840
1970
fVCO
LMK04826 VCO Tuning Range
MHz
VCO1
2440
2505
VCO0
2370
2630
LMK04828 VCO Tuning Range
MHz
VCO1
2920
3080
LMK04821 VCO0
12 to 20
LMK04821 Fine Tuning Sensitivity
MHz/V
LMK04821 VCO1
15 to 24
LMK04826 VCO0
11 to 19
KVCO
LMK04826 Fine Tuning Sensitivity
MHz/V
LMK04826 VCO1
8 to 11
LMK04828 VCO0 at 2457.6 MHz
17 to 27
LMK04828 Fine Tuning Sensitivity
MHz/V
LMK04828 VCO1 at 2949.12 MHz
17 to 23
Allowable Temperature Drift for
After programming for lock, no changes
|
ΔTCL|
Continuous Lock
to output configuration are permitted to
125
°C
(12)
assure continuous lock
(11) The VCO1 divider, VCO1_DIV in register 0x174, can be programmed to ÷2 to ÷8 resulting in a lower effective VCO frequency range as
shown in Device Configuration Information.
(12) Maximum Allowable Temperature Drift for Continuous Lock is how far the temperature can drift in either direction from the value it was
at the time that the 0x168 register was last programmed with PLL2_FCAL_DIS = 0, and still have the part stay in lock. The action of
programming the 0x168 register, even to the same value, activates a frequency calibration routine. This implies the part will work over
the entire frequency range, but if the temperature drifts more than the maximum allowable drift for continuous lock, then it will be
necessary to reload the appropriate register to ensure it stays in lock. Regardless of what temperature the part was initially programmed
at, the temperature can never drift outside the frequency range of –40 °C to 85 °C without violating specifications.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMK04821 LMK04826 LMK04828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com